Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
59
3.5.15
UART (UARTAPP and DebugUART) AC Timing
This section describes the UART module AC timing which is applicable to both UARTAPP and
DebugUART.
3.5.15.1
UART Transmit Timing
Figure 39 shows the UART transmit timing, showing only eight data bits and one stop bit. Table 63
describes the timing parameter (UA1) shown in the figure.
Figure 42. UART Transmit Timing Diagram
3.5.15.2
UART Receive Timing
Figure 43 shows the UART receive timing, showing only eight data bits and one stop bit. Table 64
describes the timing parameter (UA2) shown in the figure.
–
Figure 43. UART Receive Timing Diagram
Table 63. UART Transmit Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
UA1
Transmit Bit Time
tTbit
1/Fbaud_rate
1 – T
ref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UARTAPP can support is 3.25 Mbps. The maximum baud rate of
DebugUART is 115.2 kbps.
2 T
ref_clk: The period of UART reference clock ref_clk (which is APBX clock = 24 MHz).
1/Fbaud_rate + Tref_clk
—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
TXD
(output)
Bit 3
Start
Bit
STOP
BIT
Next
Start
Bit
Possible
Parity
Bit
Par Bit
UA1
UA1
UA1
UA1
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
RXD
(input)
Bit 3
Start
Bit
STOP
BIT
Next
Start
Bit
Possible
Parity
Bit
Par Bit
UA2
UA2
UA2
UA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com