Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
32
Freescale Semiconductor
3.5.3.2
DDR Output AC Timing
Figure 6 and Table 36 show the DDR output AC timing defined for all DDR types: LPDDR1, standard
DDR2 (1.8 V), and LVDDR2 (1.5 V)
Figure 6. DDR Output AC Timing
DDR3
CK low level width
tCL
0.5 tCK
–0.5
0.5 tCK
+ 0.5
ns
DDR4
Address and control output setup time
tIS
0.5 tCK – 1
0.5 tCK
+ 0.5
ns
DDR5
Address and control output hold time
tIH
0.5 tCK – 1
0.5 tCK
+ 0.5
ns
Table 36. DDR Output AC Timing
ID
Description
Symbol
Min
Max
Unit
DDR10
Positive DQS latching edge to associated CK edge
tDQSS
–0.5
0.5
ns
DDR11
DQS falling edge from CK rising edge—hold time
tDSH
0.5 tCK
–0.5
0.5 tCK
+ 0.5
ns
DDR12
DQS falling edge to CK rising edge—setup time
tDSS
0.5 tCK
–0.5
0.5 tCK
+ 0.5
ns
Table 35. EMI Command/Address AC Timing (continued)
ID
Description
Symbol
Min.
Max.
Unit
EMI_CLK
EMI_CLKN
EMI_DQS
DDR13
DDR14
d0
DDR10
d1
d2
d3
EMI_DQ & EMI_DQM
DDR11
DDR12
DDR15
DDR16
EMI_DQSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com