Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  IMX28CEC Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
2
Freescale Semiconductor
The i.MX28 processor includes an additional 128-Kbyte on-chip SRAM to make the device ideal for
eliminating external RAM in applications with small footprint RTOS.
The i.MX28 supports connections to various types of external memories, such as mobile DDR, DDR2 and
LV-DDR2, SLC and MLC NAND Flash.
The i.MX28 can be connected to a variety of external devices such as high-speed USB2.0 OTG, CAN,
10/100 Ethernet, and SD/SDIO/MMC.
1.1
Device Features
The following lists the features of the i.MX28:
•
ARM926EJ-S CPU running at 454 MHz:
— 16-Kbyte instruction cache and 32-Kbyte data cache
— ARM embedded trace macrocell (CoreSight™ ETM9™)
— Parallel JTAG interface
•
128 KBytes of integrated low-power on-chip SRAM
•
128 KBytes of integrated mask-programmable on-chip ROM
•
1280 bits of on-chip one-time-programmable (OCOTP) ROM
•
16-bit mobile DDR (mDDR) (1.8 V), DDR2 (1.8 V) and LV-DDR2 (1.5 V), up to 205 MHz DDR
clock frequency with voltage overdrive
•
Support for up to eight NAND flash memory devices with up to 20-bit BCH ECC
•
Four synchronous serial ports (SSP) for SDIO/MMC/MS/SPI. Two can be used for
SDIO/MMC/MS interfaces (supports SD2.0, eMMC4.4 and MSPro), and all can be used for the
SPI interface.
•
10/100-Mbps Ethernet MAC compatible with IEEE Std 802.3™, supporting
IEEE Std 1588™-compatible hardware timestamp. Also supports 50-MHz/25-MHz clock output
for external Ethernet PHY.
•
Two 2.0B protocol-compatible Controller Area Network (CAN) interfaces
•
One USB2.0 OTG device/host controller and PHY
•
One USB2.0 host controller and PHY
•
LCD controller, up to 24-bit RGB (DOTCK) modes and 24-bit system-mode
•
Pixel-processing pipeline (PXP) supports full path from color-space conversion, scaling,
alpha-blending to rotation without intermediate memory access.
•
SPDIF transmitter
•
Dual serial audio interface (SAIF) to support full-duplex transmit and receive operations; each
SAIF supports three stereo pairs
•
Five application Universal Asynchronous Receiver-Transmitters (UARTs), up to 3.25 Mbps with
hardware flow control
•
One debug UART operating at up to 115 Kb/s using programmed I/O
•Two I2C master/slave interfaces, up to 400 kbps
•
Four 32-bit timers and a rotary decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com