Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
48
Freescale Semiconductor
Figure 28. Test Access Port Timing Diagram
Figure 29. TRST Timing Diagram
Table 51. SJC Timing Parameters
ID
Parameter
All Frequencies
Unit
Min.
Max.
SJ1
TCK cycle time
100
—
ns
SJ2
TCK clock pulse width measured at VM
1
40
—
ns
SJ3
TCK rise and fall times
—
3
ns
SJ4
Boundary scan input data set-up time
10
—
ns
SJ5
Boundary scan input data hold time
50
—
ns
SJ6
TCK low to output data valid
—
50
ns
SJ7
TCK low to output high impedance
—
50
ns
SJ8
TMS, TDI data set-up time
10
—
ns
SJ9
TMS, TDI data hold time
50
—
ns
TCK
(Input)
TDI
(Input)
TDO
(Output)
TDO
(Output)
TDO
(Output)
VIH
VIL
Input Data Valid
Output Data Valid
Output Data Valid
TMS
SJ8
SJ9
SJ10
SJ11
SJ10
TCK
(Input)
TRST
(Input)
SJ13
SJ12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com