Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
20
Freescale Semiconductor
3.3.1
DDR I/O DC Parameters
Table 23 shows the EMI digital pin DC characteristics.
NOTE
The current values and the I-V curves of the I/O DC characteristics are
estimated based on an overly conservative device model. They are updated
upon the measurement results of the first silicon.
Table 24 shows the ON impedance of EMI drivers for different drive strengths.
Table 23. EMI Digital Pin DC Characteristics
Parameter
Symbol
Min.
Max.
Units
Input voltage high (dc)
VIH
VREF + 0.125
VDDIO_EMI + 0.3
V
Input voltage low (dc)
VIL
0.3
VREF – 0.125
V
Output voltage high (dc)
VOH
0.8 * VDDIO_EMI
—
V
Output voltage low (dc)
VOL
-
0.2 * VDDIO_EMI
V
Output source current (dc)
LVDDR2 Mode
IOH1—Low
1 IOH is the output current at which the VOH specification is met.
TBD
TBD
mA
IOH—Medium
TBD
TBD
mA
IOH—High
TBD
TBD
mA
Output sink current (dc)
LVDDR2 Mode
IOL2—Low
2 IOL is the output current at which the VOL specification is met.
TBD
TBD
mA
IOL—Medium
TBD
TBD
mA
IOL—High
TBD
TBD
mA
Output source current (dc)
mDDR, DDR2 Mode
IOH—Low
TBD
TBD
mA
IOH—Medium
TBD
TBD
mA
IOH—High
TBD
TBD
mA
Output sink current (dc)
mDDR, DDR2 Mode
IOL—Low
TBD
TBD
mA
IOL—Medium
TBD
TBD
mA
IOL—High
TBD
TBD
mA
Table 24. ON Impedance of EMI Drivers for Different Drive Strengths
Mode
Drive
Min. (
Ω)Typ. (Ω)Max. (Ω)
1.5
LVDDR2
Low
TBD
TBD
TBD
Medium
TBD
TBD
TBD
High
TBD
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com