Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
7
BCH
Bit-correcting
ECC
accelerator
Connectivity
peripherals
The Bose, Ray-Chaudhuri, Hocquenghem (BCH) Encoder and Decoder
module is capable of correcting from 2 to 20 single bit errors within a block of
data no larger than about 900 bytes (512 bytes is typical) in applications such
as protecting data and resources stored on modern NAND flash devices.
BSI
Boundary
Scan Interface
Connectivity
peripherals
The boundary scan interface is provided to enable board level testing.
There are five pins on the device which is used to implement the IEEE Std
1149.1™ boundary scan protocol.
CLKCTRL
Clock control
module
Clocks
The clock control module, or CLKCTRL, generates the clock domains for all
components in the i.MX28 system. The crystal clock or PLL clock are the two
fundamental sources used to produce most of the clock domains. For lower
performance and reduced power consumption, the crystal clock is selected.
The PLL is selected for higher performance requirements but requires
increased power consumption. In most cases, when the PLL is used as the
source, a Phase Fractional Divider (PFD) can be programmed to reduce the
PLL clock frequency by up to a factor of 2.
DCP
Data
co-processor
Security
This module provides support for general encryption and hashing functions
typically used for security functions. Because its basic job is moving data
from memory to memory, it also incorporates a memory-copy (memcopy)
function for both debugging and as a more efficient method of copying data
between memory blocks than the DMA-based approach.
DFLPT
Default
first-level page
table
System control
The DFLPT provides a unique method of implementing the ARM MMU
first-level page table (L1PT) using a hardware-based approach.
DIGCTL
Digital control
and on-chip
RAM
System control
The digital control module includes sections for controlling the SRAM, the
performance monitors, high-entropy pseudo-random number seed,
free-running microseconds counter, and other chip control functions.
DUART
Debug UART
Connectivity
peripherals
The Debug UART performs the following data conversions:
• Serial-to-parallel conversion on data received from a peripheral device
• Parallel-to-serial conversion on data transmitted to the peripheral device
EMI
External
memory
interface
Connectivity
peripherals
The i.MX28 supports off-chip DRAM storage through the EMI controller,
which is connected to the four internal AHB/AXI busses. The EMI supports
multiple external memory types, including:
• 1.8-V Mobile DDR1 (LP-DDR1)
• Standard 1.8-V DDR2
• Low Voltage 1.5-V DDR2 (LV-DDR2)
ENET
Ethernet MAC
Controller
Connectivity
peripherals
Ethernet MAC controller connected to the uDMA (unified DMA). Supports
10/100 Mbps with TCP/UDP/IP Acceleration and IEEE 1588 Functions; also
supports RMII or MII connectivity.
FlexCAN(2)
Controller
area network
module
Connectivity
peripherals
The Controller Area Network (CAN) protocol is a message based protocol
used for serial data. It was designed specifically for automotive but is also
used in industrial control and medical applications. The serial data bus runs
at 1 Mbps.
GPMI
General-pur-
pose media
interface
Connectivity
peripherals
The General-Purpose Media Interface (GPMI) controller is a flexible NAND
flash controller with 8-bit data width, up to 50-MBps I/O speed and individual
chip select and DMA channels for up to 8 NAND devices. It also provides a
interface to 20-bit BCH for ECC.
Table 4. i.MX28 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com