Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
14
Freescale Semiconductor
Table 10 provides the recommended analog operating conditions.
Table 11 shows the PSWITCH input characteristics. See the reference schematics for the recommended
PSWITCH button circuitry.
Table 12 shows the power consumption.
2 Maximum Ambient Operating Temperature may be limited due to on-chip power dissipation. T
A (MAX) ≤ TJ - (ΘJA x PD) where:
TJ = Maximum Junction Temperature
Θ
JA = Package Thermal Resistance. See Section 3.2, “Thermal Characteristics.”
PD = Total On-chip Power Dissipation =PVDD4P2 + PBatteryCharger + PDCDC + PLinearRegulators + PInternal. Depending
on the application, some of these power dissipation terms may not apply.
PVDD4P2 = VDD4P2 On-Chip Power Dissipation = (VDD5V - VDD4P2) x IDD4P2
PBatteryCharger = Battery Charger On-Chip Power Dissipation = (VDD5V - BATT) x ICHARGE
PDCDC = DC-DC Converter On-Chip Power Dissipation = (BATT x DCDC Input Current) x (1 - efficiency)
PLinearRegulators = Linear Regulator On-Chip Power Dissipation = (VDD5V - VDDIO) x (IDDIO + IDDA + IDDD + IDD1P5) +
(VDDIO - VDDA) x (IDDA + IDDD) + (VDDA - VDDD) x IDDD + (VDDA - VDD1P5) x IDD1P5
PInternal = Internal Digital On-Chip Power Dissipation = ~VDDD x IDDD
Table 10. Recommended Analog Operating Conditions
Parameter
Min
Typ
Max
Units
Low Resolution ADC Input Impedance (CH0 - CH5)
>1
—
—
M
Ω
Table 11. PSWITCH Input Characteristics
Parameter
HW_PWR_STS_PSWITCH
Min
Max
Units
PSWITCH LOW LEVEL
0x00
0.00
0.30
V
PSWITCH MID LEVEL & STARTUP1
1 A MID LEVEL PSWITCH state can be generated by connecting the VDDXTAL output of the SOC to PSWITCH through a
switch.
0x01
0.65
1.50
V
PSWITCH HIGH LEVEL2
2 PSWITCH acts like a high impedance input (>300 k
Ω) when the voltage applied to it is less than 1.5V. However, above 1.5V
it becomes lower impedance. To simplify design, it is recommended that a 10 k
Ω resistor to VDDIO be applied to PSWITCH
to set the HIGH LEVEL state (the PSWITCH input can tolerate voltages greater than 2.45 V as long as there is a 10 k
Ω resistor
in series to limit the current).
0x11
(1.1 * VDDXTAL) +
0.58
2.45
V
Table 12. Power Consumption
Parameter
Min
Typ
Max
Units
Power Consumption: Conditions - TBD
—
TBD
—
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com