Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
44
Freescale Semiconductor
Table 48. NFC Timing Parameters1
1 The Flash clock maximum frequency is 100 MHz.
2)GPMI’s output timing could be controlled by module’s internal register, say
HW_GPMI_TIMING0_ADDRESS_SETUP,HW_GPMI_TIMING0_DATA_SETUP,HW_GPMI_TIMING0_DATA_HOLD, this AC
timing depends on these registers’ setting. In the above table we use AS/DS/DH representing these settings each.
3)AS minimum value could be 0, while DS/DH minimum value is 1.
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Example Timing for
GPMI Clock
≈ 100MHz
T = 10ns
Unit
Min.
Max.
Min.
Max.
NF1
CLE setup time
tCLS
(AS+1)*T
—
10
—
ns
NF2
CLE hold time
tCLH
(DH+1)*T
—
20
—
ns
NF3
CEn setup time
tCS
(AS+1)*T
—
10
—
ns
NF4
CE hold time
tCH
(DH+1)*T
—
20
—
ns
NF5
WE pulse width
tWP
DS*T
10
ns
NF6
ALE setup time
tALS
(AS+1)*T
—
10
—
ns
NF7
ALE hold time
tALH
(DH+1)*T
—
20
—
ns
NF8
Data setup time
tDS
DS*T
—
10
—
ns
NF9
Data hold time
tDH
DH*T
—
10
—
ns
NF10
Write cycle time
tWC
(DS+DH)*T
20
ns
NF11
WE hold time
tWH
DH*T
10
ns
NF12
Ready to RE low
tRR
(AS+1)*T
—
10
—
ns
NF13
RE pulse width
tRP
DS*T
—
10
—
ns
NF14
READ cycle time
tRC
(DS+DH)*T
—
20
—
ns
NF15
RE high hold time
tREH
DH*T
10
—
ns
NF16
Data setup on read
tDSR
N/A
10
—
ns
NF17
Data hold on read
tDHR
N/A
10
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com