Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
19
3.2
Thermal Characteristics
The thermal resistance characteristics for the device are given in Table 22. These values are measured
under the following conditions:
•
Two layer Substrate
•
Substrate solder mask thickness: 0.025 mm
•
Substrate metal thicknesses: 0.016 mm
•
Substrate core thickness: 0.160 mm
•
Core via I.D: 0.068 mm, Core via plating 0.016 mm
•
Flag: trace style with ground balls under the die connected to the flag
•
Die Attach: 0.033 mm non-conductive die attach, k = 0.3 W/m K
•
Mold Compound: generic mold compound, k = 0.9 W/m K
3.3
I/O DC Parameters
This section includes the DC parameters of the following I/O types:
•
DDR I/O: Mobile DDR (LPDDR1), standard 1.8 V DDR2, and low-voltage 1.5 V DDR2
(LVDDR2)
•
General purpose I/O (GPIO)
Table 22. Thermal Resistance Data
Rating
Value
Unit
Junction to ambient1 natural convection
1 Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-2 and JESD51-6. Thermal test board meets
JEDEC specification for this package.
Single layer board
(1s)
RθJA
62
°C/W
Junction to ambient1 natural convection
Four layer board (2s2p)
RθJA
36
°C/W
Junction to ambient1 (@200 ft/min)
Single layer board
(1s)
RθJMA
53
°C/W
Junction to ambient1 (@200 ft/min)
Four layer board
(2s2p)
RθJMA
33
°C/W
Junction to boards2
2 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification
for the specified package.
RθJB
24
°C/W
Junction to case (top)3
3 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is
used for the case temperature. Reported value includes the thermal resistance of the interface layer.
RθJCtop
15
°C/W
Junction to package top4
4 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
as Psi-JT.
Natural Convection
Ψ
JT
3°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com