Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
8
Freescale Semiconductor
HSADC
High-speed
ADC
Connectivity
peripherals
The high-speed ADC block is designed to sample an analog input with 12-bit
resolution and a sample rate of up to 2 Msps. The output of the HSADC block
can be moved to the external memory through APBH-DMA. A typical user
case of the HSADC is to work with the PWM block to drive an external linear
image scanner sensor.
I2C(2)
I2C module
Connectivity
peripherals
The I2C is a standard two-wire serial interface used to connect the chip with
peripherals or host controllers. The I2C operates up to 400 kbps in either I2C
master or I2C slave mode. Each I2C has a dedicated DMA channel and can
also controlled by CPU in PIO or PIO queue modes. It supports both 7-bit and
10-bit device address in master mode, and has programmable 7-bit address
in slave mode.
ICOLL
Interrupt
Collector
System control
The ARM9 CPU core has two interrupt input lines, IRQ and FIQ. The interrupt
collector (ICOLL) can steer any of 128 interrupt sources to either the FIQ or
IRQ line of the ARM9 CPU.
L2 Switch
3-Port L2
Switch
Network Control Programmable 3-Port Ethernet Switch with QOS
LCDIF
LCD Interface Multimedia
peripherals
The LCDIF provides display data for external LCD panels from simple
text-only displays to WVGA, 16/18/24 bpp color TFT panels. The LCDIF
supports all of these different interfaces by providing fully programmable
functionality and sharing register space, FIFOs, and ALU resources at the
same time. The LCDIF supports RGB (DOTCLK) modes as well as system
mode including both VSYNC and WSYNC modes.
LRADC
Low resolution
ADC module
Connectivity
peripherals
The sixteen-channel 12-bit low-resolution ADC (LRADC) block is used for
voltage measurement. Channels 0 – 6 measure the voltage on the seven
application-dependent LRADC pins. The auxiliary channels can be used for
a variety of uses, including a resistor-divider-based wired remote control,
external temperature sensing, touch-screen, and other measurement
functions.
OCOTP
Controller
On-chip OTP
controller
Security
The on-chip one-time-programmable (OCOTP) ROM serves the functions of
hardware and software capability bits, Freescale operations and unique-ID,
the customer-programmable cryptography key, and storage of various ROM
configuration bits.
PINCTRL
Pin control
and GPIO
System control
peripherals
Used for general purpose input/output to external ICs. Each GPIO bank
supports 32 bits of I/O.
Table 4. i.MX28 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com