Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
34
Freescale Semiconductor
3.5.3.4
LPDDR1 Input AC Timing
Figure 8 and Table 38 show input AC timing for LPDDR1.
Figure 8. LPDDR1 Input AC Timing
3.5.4
Ethernet MAC Controller (ENET) Timing
The ENET is designed to support both 10- and 100-Mbps Ethernet networks compliant with IEEE 802.3.
An external transceiver interface and transceiver function are required to complete the interface to the
media. The ENET supports 10/100-Mbps MII (18 pins altogether), 10/100-Mbps RMII (10 pins, including
serial management interface), for connection to an external Ethernet transceiver. All signals are compatible
with transceivers operating at a voltage of 3.3 V.
The following subsections describe the timing for MII and RMII modes.
Table 38. DDR2 Input AC Timing
ID
Description
Symbol
Min
Max
Unit
DDR20
Positive DQS latching edge to associated CK edge
tDQSCK
2
6
ns
DDR21
DQS to DQ input skew
tDQSQ
0.25 tCK
–0.85
0.25 tCK
–0.5
ns
DDR22
DQS to DQ input hold time
tQH
0.25 tCK
+0.75
0.25 tCK
+ 1
ns
EMI_CLK
EMI_CLKN
EMI_DQS
DDR21
DDR22
d0
DDR20
d1
d2
d3
EMI_DQ
EMI_DQSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com