Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
49
3.5.11
Pulse Width Modulator (PWM) Timing
Figure 30 depicts the timing of the PWM, and Table 52 lists the PWM timing characteristics.
The PWM can be programmed to select one of two clock signals as its source frequency: xtal clock or
hsadc clock. The selected clock signal is passed through a prescaler before being input to the counter. The
output is available at the pulse width modulator output (PWMO) external pin.
PWM also supports MATT mode. In this mode, it can be programmed to select one of two clock signals
as its source frequency, 24-MHz or 32-KHz crystal clock. For a 32-KHz source clock input, the PWM
outputs the 32-KHz clock directly to PAD.
Figure 30. PWM Timing
SJ10
TCK low to TDO data valid
—
44
ns
SJ11
TCK low to TDO high impedance
—
44
ns
SJ12
TRST assert time
100
—
ns
SJ13
TRST set-up time to TCK low
40
—
ns
1 V
M – mid point voltage
Table 52. PWM Output Timing Parameter: Xtal clock
Ref No.
Parameter
Minimum
Maximum
Unit
1
System CLK frequency1
1 CL of PWMO = 30 pF
0
24MHz
MHz
2a
Clock high time
21
—
ns
2b
Clock low time
21
—
ns
3a
Clock fall time
—
0.3
ns
3b
Clock rise time
—
0.3
ns
4a
Output delay time
—
15.08
ns
4b
Output setup time
15.77
—
ns
Table 51. SJC Timing Parameters (continued)
ID
Parameter
All Frequencies
Unit
Min.
Max.
4a
PWM Source Clock
2a
1
PWM Output
2b
3a
3b
4b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com