Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28CEC Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
52
Freescale Semiconductor
3.5.12.1.5
SAIF Receiver Timing
Figure 34 shows the timing for the SAIF receiver with internal clock. Table 56 describes the timing
parameters (SS1–SS17) shown in the figure.
Figure 34. SAIF Receiver Timing Diagram
Table 55. SAIF Transmitter Timing
ID
Parameter
Min.
Max.
Unit
SS1
BITCLK period
81.4
—
ns
SS2
BITCLK high period
36.0
—
ns
SS3
BITCLK rise time
—
6.0
ns
SS4
BITCLK low period
36.0
—
ns
SS5
BITCLK fall time
—
6.0
ns
SS6
BITCLK high to LRCLK high
—
15.0
ns
SS7
BITCLK high to LRCLK low
—
15.0
ns
SS8
LRCLK rise time
—
6.0
ns
SS9
LRCLK fall time
—
6.0
ns
SS10
BITCLK high to SDATA valid from high impedance
—
15.0
ns
SS11
BITCLK high to SDATA high/low
—
15.0
ns
SS12
BITCLK high to SDATA high impedance
—
15.0
ns
SS13
SDATA rise/fall time
—
6.0
ns
BITCLK
LRCLK
SDATA0-2
SS1
SS4
SS2
SS16
SS17
SS14
SS15
SS3
SS5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com