Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 161 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 161 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 165Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
161
The register control fields for Fast Charging are described in Table 106. See Section 17.7.5 for details
of battery charger termination.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (15h)
Interrupt Status
1
9
CHG_FAST_R
DY_EINT
0
Indicates that the charger is ready to go
into fast charge.
(Rising Edge triggered)
Note: This bit is cleared once read.
R168 (A8h)
Battery charger
control 1
5
CHG_FAST
0
Enable fast charging.
0 = Fast charging cannot take place.
1 = Enable fast charging (will not start
until valid charging conditions are met).
Note: This register is held low and can
only be written to once the fast charge
ready signal has gone high.
Protected by security key.
4
CHG_FAST_U
SB_THROTTL
E
0
Enable USB current throttling in fast
charge:
0 = Don't do any current throttling when
fast charging.
1 = Do current throttle while fast
charging.
Protected by security key
R169 (A9h)
Battery charger
control 2
3:0
CHG_ISEL
[3:0]
0110
Fast charge current limit setting.
0000 = off
0001 = 50mA
0010 = 100mA
… (50mA steps)
1111 = 750mA
Note: Do not set the charger to be more
than 400mA when USB powered.
Protected by security key.
R170 (AAh)
Battery
Charger
Control 3
6:5
CHG_THROTT
LE_T [1:0]
00
Time between steps when the charger
throttles back due to USB ILIMIT.
00 = 8us
01 = 16us
10 = 32us
11 = 128us
Protected by security key.
Table 106 Fast Charging Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com