Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 162 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 162 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 166Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
162
17.7.5
BATTERY CHARGER TIMEOUT AND TERMINATION
Fast charging and Trickle charging is terminated under any of the following conditions:
Charge current falls below a programmable threshold
Charger timeout
Charger fault condition (see Section 17.7.7)
The End of Charge Current threshold can be set between 20mA and 90mA, using the
CHG_EOC_SEL register field, as defined in Table 107. Care should be taken to ensure that the End
of Charge Threshold is lower than the selected Charge Current Limit (CHG_ISEL and/or
CHG_TRICKLE_SEL).
When the End of Charge Current threshold is reached, the CHG_END_EINT interrupt field is set (see
Section 17.7.8). The action taken when the End of Charge Current threshold occurs is set by
CHG_END_ACT. The battery charging will either be terminated or will continue until timeout.
When Trickle charge choking or Fast charge throttling is enabled, it is possible that these circuits may
cause the charge current to be reduced below the CHG_EOC_SEL threshold even though the battery
is not fully charged. When choke or throttle control is enabled, the End of Charge detection described
above is disabled, and charging always continues until timeout. It is recommended that Trickle charge
choking and Fast charge throttling is enabled.
The WM8351 battery charger has a programmable timer. The timer is initiated when either fast
charging or trickle charging commences. The initial value of the timer may be set by writing to the
CHG_TIME register field. This field can also be read back as an indicator of the charge time
remaining. Note that the readback value of this field is coded differently to the write value. Due to the
limited resolution provided by the 4-bit field, the readback value is approximate only, to an accuracy of
around 35 minutes.
If charging is paused by setting CHG_PAUSE (see Table 104), or is paused due to temperature or
maximum current conditions, the charge timer is halted so that the time limit is extended accordingly.
If the charging mode is changed by asserting or de-asserting CHG_FAST, then the timer is reset to its
initial value.
If the charging mode reverts to Trickle charge mode as a result of a change in power source or a
change in USB power mode, then the timer is not reset, but continues to count down from its earlier
value. (Note that the charger will never autonomously switch from Trickle charge mode to Fast charge
mode.)
When the Charger Timer completes, the CHG_TO_EINT interrupt field is set (see Section 17.7.8) and
charging is terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com