Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 164 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 164 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 168Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
164
CHARGER STATUS
CH_IND ACTION
Charger current set to zero
LED off
Trickle charging
LED blinks slowly (0.5Hz)
Fast charging
LED blink s quickly (1Hz)
Table 109 Battery Charger Status via CH_IND
17.7.7
BATTERY FAULT CONDITIONS
The WM8351 continuously monitors battery temperature, chip temperature and battery voltage. In
case of a fault condition, it autonomously takes appropriate action, and alerts the host processor via
the applicable interrupt flags.
Battery Temperature Monitoring
The WM8351 can monitor the battery temperature via the NTC (negative temperature coefficient)
resistor which is incorporated into suitable battery packs. The NTC resistor must be connected to the
AUX1 pin as shown in Section 17.7.1. Typical NTC resistor values vary over a range of temperature
(source of information is Vishay Dale’s “R-T Curve 2”).
The NTC monitoring circuit is designed to detect temperature conditions outside the typical 0
oC and
45
oC safe battery charging conditions. The WM8351 indicates a cold battery temperature condition is
indicated by setting the CHG_BATT_COLD_EINT interrupt. A hot battery temperature is indicated by
setting the CHG_BATT_HOT_EINT interrupt. Battery charging is suspended when either of these
conditions is set. (Note that trickle charging will resume once the battery temperature has returned to
within normal levels.)
It is possible to disable the NTC detection circuit and associated flags. This option is protected by a
security key. The associated register bits are described in Table 110.
Safety warning - The battery temperature sensor is a safety mechanism and it is strongly
recommended that it be used, as directed, in all applications requiring Charger functionality. Disabling
this feature by any means, intentional or otherwise, could result in incorrect behaviour of the battery
charger function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com