Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 33Page - Renesas Technology Corp PD70F3559 Datasheet HTML 34Page - Renesas Technology Corp PD70F3559 Datasheet HTML 35Page - Renesas Technology Corp PD70F3559 Datasheet HTML 36Page - Renesas Technology Corp PD70F3559 Datasheet HTML 37Page - Renesas Technology Corp PD70F3559 Datasheet HTML 38Page - Renesas Technology Corp PD70F3559 Datasheet HTML 39Page - Renesas Technology Corp PD70F3559 Datasheet HTML 40Page - Renesas Technology Corp PD70F3559 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 85 page
background image
37
R01DS0142ED0100
Data Sheet
Chapter 6
I/O specification
6.1.5
PgA0 and PgA1
Table 6-5
PgA0 and PGA1 characteristics
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
High level input voltage
VIH
CMOS
0.7·AnVDD
-
AnVDD+0.3
V
Low level input voltage
VIL
CMOS
-0.5
-
0.3·AnVDD
V
High level output voltage
VOH
IOH = -1mA
AnVDD-1.0
-
-
V
IOH = -100µA
AnVDD-0.5
-
-
Low level output voltage
VOL
IOL = 1mA
-
-
0.4
V
IOL = 100µA
-
-
0.4
High level port output
current
IOH
Power supply of PgA0 and
PgA1
--
-20
mA
Low level port output
current
IOL
Power supply of PgA0 and
PgA1
--
20
mA
High level input leakage
current
ILIH
VI = AnVDD
-
-
0.2
µA
Low level input leakage
current
ILIL
VI = 0V
-
-
-0.2
µA
High level output leakage
current
ILOH
VO = AnVDD
-
-
0.2
µA
Low level output leakage
current
ILOL
VO = 0V
-
-
-0.2
µA
Output frequency
fO
-
-
25
MHz
Rise time (output)
tKRP
-
-
15
ns
Fall time (output)
tKFP
-
-
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com