Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 22Page - Renesas Technology Corp PD70F3559 Datasheet HTML 23Page - Renesas Technology Corp PD70F3559 Datasheet HTML 24Page - Renesas Technology Corp PD70F3559 Datasheet HTML 25Page - Renesas Technology Corp PD70F3559 Datasheet HTML 26Page - Renesas Technology Corp PD70F3559 Datasheet HTML 27Page - Renesas Technology Corp PD70F3559 Datasheet HTML 28Page - Renesas Technology Corp PD70F3559 Datasheet HTML 29Page - Renesas Technology Corp PD70F3559 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
26
R01DS0142ED0100
Data Sheet
Chapter 3
Power supply specification
3.5.5
Condition 6
M2 products only. RESET is used; PTCTL1 is used
Normal operating mode / Serial programming mode / BSCAN mode
Note
There is no specification for _RESET rise and fall times.
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
REG0VDD, REG1VDD, IOVDD (rise) to
CVDD (0V) hold time
tR0CH
-
-
1
ms
REG1VDD (rise) to PTCTL1 (rise) setup
time
tR1PTON
-
-
1
ms
REG0VDD, IOVDD (rise) to FLMD0,1
(≤VIL) hold time
tR0MDH
1
-
-
ms
CVDD (rise) to _RESET (rise)
tCRR
0
-
-
ms
FLMD0,1 (VIH or VIL) a to _RESET (rise)
tMDRR
1
-
-
ms
_RESET (rise) to FLMD0,1 (VIH or VIL)
hold time
tRMDH
1
-
-
ms
FLMD0,1,MODE0,1 (≤VIL) a to _RESET
(fall)
tMDRF
0
-
-
ms
_RESET (fall) to REG0VDD, IOVDD (fall)
tRR0OF
0
-
-
ms
REG1VDD (fall) to PTCTL1 (fall)
tR1PTOF
-
-
1
ms
PTCTL1 (fall) to CVDD (fall)
tPTCOF
0
-
8
ms
a)
In case of BSCAN mode set also the MODE0,1 pins.
REG0VDD
REG1VDD
IOVDD
CVDD
FLMD0
P0_1/FLMD1
3.0V
VIL
VIL
1.1V
PTCTL1
tR0MDH
tR1PTON
3.0V
tPTCOF
tR1PTOF
_RESET
tRR0OF
tMDRF
tCRR
tR0CH
VIH
VIH
tMDRR
tRMDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com