Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 24Page - Renesas Technology Corp PD70F3559 Datasheet HTML 25Page - Renesas Technology Corp PD70F3559 Datasheet HTML 26Page - Renesas Technology Corp PD70F3559 Datasheet HTML 27Page - Renesas Technology Corp PD70F3559 Datasheet HTML 28Page - Renesas Technology Corp PD70F3559 Datasheet HTML 29Page - Renesas Technology Corp PD70F3559 Datasheet HTML 30Page - Renesas Technology Corp PD70F3559 Datasheet HTML 31Page - Renesas Technology Corp PD70F3559 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
28
R01DS0142ED0100
Data Sheet
Chapter 4
Clock generators
The main oscillator amplifier gain for the external resonator can be selected by
MOSCC.MOSCCAMPSEL[1:0]. Thereby it can be adjusted to support a wide
range of frequencies to cope with different external resonators and their
external circuitry.
As an example a typical setting for quartz crystals is shown in Table 4-3
“Typical setting of MOSCC.AMPSEL[1:0] for different quartz crystals
frequencies”
.
Note
For details to the setting of MOSCC.MOSCCAMPSEL[1:0] please refer to the
user manual.
(1)
Main oscillator charactrisitics
Table 4-4
Main oscillator characteristics
Cautions
1.
External clock input is prohibited.
2.
General guidance for PCB layout:
•
Keep the wiring length as short as possible.
•
Do not cross the wiring with other signal lines.
•
Do not route this circuit close to a signal line with high fluctuating current
flow.
•
Always make the ground point of the oscillator capacitor the same
potential as REG0VSS and OSCVSS.
•
Do not ground the capacitor to a ground pattern with high current flow.
•
Do not tap signals from the oscillator.
4.3.2
Sub-oscillator
A crystal resonator can be connected to the sub clock input pins as shown in
figure 4-2 “Recommended Sub Oscillator Circuit”
Table 4-3
Typical setting of MOSCC.AMPSEL[1:0] for different quartz crystals
frequencies
MOSCC.AMPSEL[
1:0]
Amplification
gain
Typical condition for quartz
crystals
00
high
16 < fMOSC ≤ 20 MHz
01
medium
8 < fMOSC ≤ 16 MHz
10
low
4 < fMOSC≤ 8 MHz
11
very low
4 MHz
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
MainOSC frequency
fMOSC
4-
20
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com