Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 70Page - Renesas Technology Corp PD70F3559 Datasheet HTML 71Page - Renesas Technology Corp PD70F3559 Datasheet HTML 72Page - Renesas Technology Corp PD70F3559 Datasheet HTML 73Page - Renesas Technology Corp PD70F3559 Datasheet HTML 74Page - Renesas Technology Corp PD70F3559 Datasheet HTML 75Page - Renesas Technology Corp PD70F3559 Datasheet HTML 76Page - Renesas Technology Corp PD70F3559 Datasheet HTML 77Page - Renesas Technology Corp PD70F3559 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
74
R01DS0142ED0100
Data Sheet
Chapter 8
Memory specification
Chapter 8 Memory specification
8.1 Code flash specification
Table 8-1
Code flash
8.2 Data flash specification
Table 8-2
Data flash
8.3 Serial write operation specification
Serial write operation
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Number of Re-Writesa
a)
Please contact RENESAS sales office regarding specification other than the above.
CWRT
Data retention 20 years
-
-
100
times
Programming
Temperature
tPRG
(A) grade products
-40
-
85
°C
(A1) grade products
-40
-
110
°C
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Number of Re-Writesa
a)
Please contact RENESAS sales office regarding specification other than the above.
DWRT1
Data retention 20 years
-
-
1000
times
DWRT2
Data retention 15 years
-
-
5000
times
DWRT3
Data retention 5 years
-
-
15000
times
Programming
Temperature
tPRG
(A) grade products
-40
-
85
°C
(A1) grade products
-40
-
110
°C
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
FLMD0 setup time
tDR
1
-
-
ms
RESET release
tPR
2
-
-
ms
FLMD0 pulse input start
tRP
-
100
-
ms
FLMD0 low/high level width
tPW
10
-
100
µs
FLMD0 raise time
tR
-
-
20
ns
FLMD0 fall time
tF
-
-
20
ns
Programming time
per 128 bit
-
-
50
µs
Erase time
per 4KB
-
-
54
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com