Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 12Page - Renesas Technology Corp PD70F3559 Datasheet HTML 13Page - Renesas Technology Corp PD70F3559 Datasheet HTML 14Page - Renesas Technology Corp PD70F3559 Datasheet HTML 15Page - Renesas Technology Corp PD70F3559 Datasheet HTML 16Page - Renesas Technology Corp PD70F3559 Datasheet HTML 17Page - Renesas Technology Corp PD70F3559 Datasheet HTML 18Page - Renesas Technology Corp PD70F3559 Datasheet HTML 19Page - Renesas Technology Corp PD70F3559 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
16
R01DS0142ED0100
Data Sheet
Chapter 3
Power supply specification
Chapter 3 Power supply specification
3.1 Requirements for external power supply
connections
The user has to ensure a low resistive connection of all VSS pins on the PCB.
This specification denotes ground supply pins as:
• VSS = OSCVSS = REGnVSS = EnVSS = BnVSS = AnVSS = AnVREM =
CVSS = 0V
in the further text.
With
• EnVSS = E1VSS
• BnVSS = B0VSS
• REGnVSS = REG0VSS = REG1VSS = REG2VSS = REG3VSS
• AnVSS = A0VSS = A1VSSAnVREFM = A0VREFM = A1VREFM
The user has to ensure a low resistive connection of all VDD pins to the related
power supply. This specification denotes power supply pins as:
• EnVDD, BnVDD, FVDD, REGnVDD, OSCVDDCVDD, AnVDD and
AnVREFP.
in the further text.
With
• EnVDD = E0VDD = E1VDD
• BnVDD = B0VDD
• REGnVDD = REG0VDD = REG1VDD = REG2VDD = REG3VDD.
• AnVDD = A0VDD = A1VDD
• AnVREFP = A0VREFP = A1VREFP
• I/OVDD = AnVDD, EnVDD, B0VDD, FVDD, OSCVDD
3.2 Power area definitions
The device consists of the following power areas:
• AWO (Always On area)
• ISO0 (Isolated area 0)
• ISO1 (Isolated area 1)
The table below lists the related core and port voltage supply of each power
area:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com