Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 66Page - Renesas Technology Corp PD70F3559 Datasheet HTML 67Page - Renesas Technology Corp PD70F3559 Datasheet HTML 68Page - Renesas Technology Corp PD70F3559 Datasheet HTML 69Page - Renesas Technology Corp PD70F3559 Datasheet HTML 70Page - Renesas Technology Corp PD70F3559 Datasheet HTML 71Page - Renesas Technology Corp PD70F3559 Datasheet HTML 72Page - Renesas Technology Corp PD70F3559 Datasheet HTML 73Page - Renesas Technology Corp PD70F3559 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
70
R01DS0142ED0100
Data Sheet
Chapter 7
Peripherals specification
7.17.5
10bit A/D (For channel ADCA0I0-5 when the S/H function is
not used)
Table 7-16
10 bit A/D
Notes
1.
n: Number of macro instances. Refer to the User Manual for the detailed
specification.
2.
m: Number of channels. Refer to the User Manual for the detailed
specification.
3.
AIDDn + 1.72mA x (number of channels used with S/H)
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Resolution
RES0SN
10
10
10
bit
Total conversion time
TCON0SN
1.5
10
µs
Overall errora
a)
The specification does not include the quantization error.
TOE0SN
-
-
±2.0
LSB
Non-liniarity errora
ILE0SN
-
-
±1.5
LSB
Differencial liniarity errora
DLE0SN
-
-
±1.0
LSB
Zero scale errora
ZSE0SN
-
-
±1.5
LSB
Full scale errora
FSE0SN
-
-
±1.5
LSB
Analog input voltagea
VAIN0SN
AnVREFM
AnVREFP
V
Power on stabilization timeb
b)
‘Power on’ refers to
- setting ADCAnGPS = 1
--
1
µs
AnVDD current
AIDD0SN
ADAnBPC=0, withDiagnosis
function
-4.0
6.3
mA
ADAnBPC=0, w/o Diagnosis
function
-5.2
8.1
mA
ADAnBPC=1, with Diagnosis
function
-4.6
7.4
mA
ADAnBPC=1, w/o Diagnosis
function
-6.2
9.2
mA
AIDD0SNPD Power down
-
1
-
µA
AnVREFP current
AIREF0SN
-
500
-
µA
Conversion result by
Diagnosis functionc
c)
The values given do not include influence of injected current
TESH0SN
AnVDD was converted
1003
-
1023
LSB
TESHL0SN3 2/3 AnVDD was converted
673
683
693
LSB
TESHL0SN2 1/2 AnVDD was converted
504
512
520
LSB
TESHL0SN1 1/3 AnVDD was converted
331
341
351
LSB
TESL0SN
AGND was converted
0
-
20
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com