Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 74Page - Renesas Technology Corp PD70F3559 Datasheet HTML 75Page - Renesas Technology Corp PD70F3559 Datasheet HTML 76Page - Renesas Technology Corp PD70F3559 Datasheet HTML 77Page - Renesas Technology Corp PD70F3559 Datasheet HTML 78Page - Renesas Technology Corp PD70F3559 Datasheet HTML 79Page - Renesas Technology Corp PD70F3559 Datasheet HTML 80Page - Renesas Technology Corp PD70F3559 Datasheet HTML 81Page - Renesas Technology Corp PD70F3559 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
78
R01DS0142ED0100
Data Sheet
Chapter 10
Definition of terms
Chapter 10 Definition of terms
The following sections describe the meaning of several terms used in this
document.
10.1 How to Read A/D Converter Characteristics Table
This section describes the meanings of the terms peculiar to the A/D converter.
(1)
Resolution
The minimum analog input voltage that can be identified, i.e. the ratio of the
analog input voltage to 1 digital output is called 1 LSB (Least Significant Bit).
The ratio of 1 LSB to the full scale is expressed as %FSR (Full Scale Range).
%FSR is the ratio, in percentage, of the range in which an analog input voltage
can be converted, and is expressed as follows regardless of the resolution.
1%FSR = (Maximum value of analog input voltage that can be converted
−
Minimum value of analog input voltage that can be converted)/100
= (AVREFP − AVREFM)/100
1 LSB is as follows at a resolution of 10 bits:
1 LSB = 1/210
= 1/1,024
= 0.098%FSR
1 LSB is as follows at a resolution of 12 bits:
1 LSB = 1/212
= 1/4,096
= 0.024%FSR
The accuracy is determined by the total error, regardless of the resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com