Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 20Page - Renesas Technology Corp PD70F3559 Datasheet HTML 21Page - Renesas Technology Corp PD70F3559 Datasheet HTML 22Page - Renesas Technology Corp PD70F3559 Datasheet HTML 23Page - Renesas Technology Corp PD70F3559 Datasheet HTML 24Page - Renesas Technology Corp PD70F3559 Datasheet HTML 25Page - Renesas Technology Corp PD70F3559 Datasheet HTML 26Page - Renesas Technology Corp PD70F3559 Datasheet HTML 27Page - Renesas Technology Corp PD70F3559 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
24
R01DS0142ED0100
Data Sheet
Chapter 3
Power supply specification
3.5.3
Condition 2
M1products: RESET is used
M2 products: RESET is used; WAKE and PTCTL1 are not used
Normal operating mode / Serial programming mode
Note
There is no specification for _RESET rise and fall times.
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
REGnVDD, IOVDD (rise) to CVDD (0V)
hold time
tR0CH
1
-
-
ms
REG0VDD, REG1VDD, IOVDD (rise) to
FLMD0,1(≤VIL) hold time
tR0MDH
1
-
-
ms
CVDD (rise) to _RESET (rise)
tCRR
0
-
-
ms
FLMD0,1 (≥VIH or VIL1) a to
_RESET(≤VIL) (rise)
tMDRR
1
-
-
ms
_RESET (rise) to FLMD0,1(≥VIH or ≤VIL)
hold time
tRMDH
1
-
-
ms
FLMD0,1,MODE0,1(≤VIL) to _RESET
(≥VIH) (fall) setup time
tMDRF
0
-
-
ms
_RESET (fall) to CVDD (fall)
tRCF
0
-
-
ms
CVDD (0V) to REGnVDD, IOVDD (fall)
tCR0OF
0
-
-
ms
_RESET (≤VIL) (fall) to REGnVDD,
IOVDD (fall) hold time
tRR0OF
0
-
-
ms
a)
In case of BSCAN mode set also the MODE0,1 pins.
REGnVDD
IOVDD
CVDD (M2)
FLMD0
P0_1/FLMD1
3.0V
tMDRR
tROMDH
VIL
1.1V
tCROOF
VIL
3.0V
_RESET
1.1V
VIL
tRCF
tCRR
tR0CH
tRMDH
VIH
VIH
tMDRF
tRR0OF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com