Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 16Page - Renesas Technology Corp PD70F3559 Datasheet HTML 17Page - Renesas Technology Corp PD70F3559 Datasheet HTML 18Page - Renesas Technology Corp PD70F3559 Datasheet HTML 19Page - Renesas Technology Corp PD70F3559 Datasheet HTML 20Page - Renesas Technology Corp PD70F3559 Datasheet HTML 21Page - Renesas Technology Corp PD70F3559 Datasheet HTML 22Page - Renesas Technology Corp PD70F3559 Datasheet HTML 23Page - Renesas Technology Corp PD70F3559 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
20
R01DS0142ED0100
Data Sheet
Chapter 3
Power supply specification
3.4.2
ISO0/ISO1 Regulator characteristics (M1 products)
Table 3-5
ISO0/ISO1 regulator characteristics
Note
n=1-3
3.4.3
Amplifier characteristics (M2 products)
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Output voltage
VROI
1.1
1.2
1.3
V
Capacitance on REGnC REGnC
3.29
4.7
6.11
µF
Voltage slope
RIVS
0V to 5.5V
-
-
5600
V/s
Output voltage
stabilization time
TRAI
After REGnVDD reaches 3.0V
-
-
1
ms
After DeepStop mode
-
-
0.5
ms
REGnVDD
3.0V
RIVS
TRAI
VROIMIN
VROI
During power-up sequence
REGnVDD
VPOC to 5.5V
TRAI
VROIMIN
VROI
DeepStop
Release timing
After DeepStop mode
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
System supply voltage
REG1VDD
VPOC
5.5
V
Capacitance on CVDD
CVDDC
For each CVDDa
3.29
4.7
6.11
µF
Voltage slope
AIVS
3.0V to 5.5V
-
-
5.6
V/ms
PTCTL1 stabilization
time
TRAI
After REG1VDD reaches 3.0V
-
-
1
ms
After DeepStop mode
-
-
0.5
ms
PTCTL1 output current
IPTCTL
-
-
1.55
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com