Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 23Page - Renesas Technology Corp PD70F3559 Datasheet HTML 24Page - Renesas Technology Corp PD70F3559 Datasheet HTML 25Page - Renesas Technology Corp PD70F3559 Datasheet HTML 26Page - Renesas Technology Corp PD70F3559 Datasheet HTML 27Page - Renesas Technology Corp PD70F3559 Datasheet HTML 28Page - Renesas Technology Corp PD70F3559 Datasheet HTML 29Page - Renesas Technology Corp PD70F3559 Datasheet HTML 30Page - Renesas Technology Corp PD70F3559 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
27
R01DS0142ED0100
Data Sheet
Chapter 4
Clock generators
Chapter 4 Clock generators
4.1 CPU clock
Table 4-1
CPU clock frequency
4.2 Peripheral clock
Table 4-2
Peripheral clock frequency
4.3 Oscillator characteristics
4.3.1
Main oscillator
A ceramic or crystal resonator can be connected to the main clock input pins
as shown in figure 4-1 “Recommended Main Oscillator Circuit”
.
Figure 4-1
Recommended Main Oscillator Circuit
Caution
Values of C1, C2 and Rd and the best setting for MOSCC.AMPSEL[1:0]
register depend on the used ceramic or crystal resonator and must be
specified in cooperation with ceramic or crystal resonator manufacturer.
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
CPU clock frequency
fCPU
PLL based
-
-
80
MHz
SSCG based
-
-
88.32
MHz
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Peripheral clock
frequency
fPERI
-
-
48a
a)
Some peripherals can be operated at 80MHz. Refer to the chapter ‘Clock Selection’ in the UM for
details.
MHz
X1
X2
C
1
C
2
Rd
internal
external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com