Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 45Page - Renesas Technology Corp PD70F3559 Datasheet HTML 46Page - Renesas Technology Corp PD70F3559 Datasheet HTML 47Page - Renesas Technology Corp PD70F3559 Datasheet HTML 48Page - Renesas Technology Corp PD70F3559 Datasheet HTML 49Page - Renesas Technology Corp PD70F3559 Datasheet HTML 50Page - Renesas Technology Corp PD70F3559 Datasheet HTML 51Page - Renesas Technology Corp PD70F3559 Datasheet HTML 52Page - Renesas Technology Corp PD70F3559 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
49
R01DS0142ED0100
Data Sheet
Chapter 7
Peripherals specification
(2)
CSIH timing master mode
Table 7-4
CSIH timing (Master mode)
Notes
1.
n: Number of macro instances. Refer to the User Manual for the detailed
specification.
2.
CSSETUP: Value of CSIHnCFG0-7.CSIHnSP0-7[3:0]
3.
CSHOLD: Value of CSIHnCFG0-7.CSIHnHD0-7[3:0]
4.
CSIDLE: Value of CSIHnCFG0-7.CSIHnID0-7[2:0]
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Macro Operation clock cycle
time
tKCYHn
20.8
-
-
ns
CSIHnSC cycle time
tKCYMHn
100
-
-
ns
CSIHnSC high level width
tKWHMHn
0.5 · tKCYMHn-10
-
-
ns
CSIHnSC low level width
tKWLMHn
0.5 · tKCYMHn-10
-
-
ns
CSIHnSI setup time
(vs. CSIHnSC )
tSSIMHn
CSIHnSC@PDSC=1
30
-
-
ns
CSIHnSC@PDSC=0
38
-
-
ns
CSIHnSI hold time
(vs. CSIHnSC)
tHSIMHn
0
-
-
ns
CSIHnSO output delay
(vs. CSIHnSC)
tDSOMHn
-
-
7
ns
CSIHnRYI setup time
(vs. CSIHnSC)
tSRYIHn
CSIHnCTL1.CSIHnSIT=x
CSIHnCTL1.CSIHnHSE=1
2 · tKCYHn+25
-
-
ns
CSIHnRYI High level width
tWRYIHn
CSIHnCTL1.CSIHnHSE=1
tKCYHn- 5.0
-
-
ns
CSIHnCSS0-7 inactive
width
tWSCSBHn
CSIDLE ×
tKCYMHn - 5.0
--
ns
CSIHnCSS0-7 setup time
( vs. CSIHnSC )
tSSCSBHn0 CSIHnCTL1.CSIHnDAP=0
CSSETUP ×
tKCYMHn-5.0
--
ns
tSSCSBHn1 CSIHnCTL1.CSIHnDAP=1
(CSSETUP + 0.5 ) ×
tKCYMHn-5.0
--
ns
CSIHnCSS0-7 hold time
( vs. CSIHnSC )
tHSCSBHn0 CSIHnCTL1.CSIHnSIT=0
CSHOLD ×
tKCYMHn-10.0
--
ns
tHSCSBHn1 CSIHnCTL1.CSIHnSIT=1
(CSSHOLD + 0.5) ×
tKCYMHn-5.0
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com