Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 38Page - Renesas Technology Corp PD70F3559 Datasheet HTML 39Page - Renesas Technology Corp PD70F3559 Datasheet HTML 40Page - Renesas Technology Corp PD70F3559 Datasheet HTML 41Page - Renesas Technology Corp PD70F3559 Datasheet HTML 42Page - Renesas Technology Corp PD70F3559 Datasheet HTML 43Page - Renesas Technology Corp PD70F3559 Datasheet HTML 44Page - Renesas Technology Corp PD70F3559 Datasheet HTML 45Page - Renesas Technology Corp PD70F3559 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
42
R01DS0142ED0100
Data Sheet
Chapter 7
Peripherals specification
7.7.1
MEMC0CLK asynchronous timing
Notes
1.
ASW: Number of Address Setup Wait for multiplex bus
2.
AHW: Number of Address Hold Wait for multiplex bus
3.
w: Number of data wait
4.
In case the bus operational period (T) is shorter then 41ns, tDRDID
requires at least 1 data wait (w=1).
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Bus operational period
T
-
25
-
-
ns
Address setup time to
MEMC0ASTBZ (f)
tSAST
<1>
(1+ASW)·T-15
-
-
ns
Address hold time from
MEMC0ASTBZ (f)
tHSTA
<2>
(1+AHW)·T-15
-
-
ns
Address float delay time from
MEMC0RDZ (f)
tFRDA
<3>
-
-
6
ns
Address hold time from
MEMC0RDZ (r)
tHRDA
<4>
0
-
-
ns
Data input delay time from
MEMC0RDZ (f)
tDRDID
<5>
6
-
(1+w)·T-35
ns
Data input hold time from
MEMC0RDZ (r)
tHRDID
<6>
0
-
-
ns
Delay time from ASTB(f) to
MEMC0RDZ (f)
tDSTRD
<7>
(1+AHW)·T-15
-
-
ns
Delay time from ASTB(f) to
MEMC0WRZ (f)
tDSTWR
<8>
(1+AHW)·T-15
-
-
ns
MEMC0RDZ, MEMC0WRZ
low level width
tWRDST
<9>
(1+w)·T-10
-
-
ns
Data output delay time from
MEMC0WRZ (f)
tDWROD
<10>
-
-
10
ns
Address hold time from
MEMC0WRZ (r)
tHWRA
<11>
T-15
-
-
ns
Data output setup time to
MEMC0WRZ (r)
tSODWR
<12>
(1+w)·T-15
-
-
ns
Data output hold time from
MEMC0WRZ (r)
tHWROD
<13>
T-15
-
-
ns
MEMC0WAITZ setting delay
from MEMC0ASTBZ (f)
tSSTWT1 <14>
-
-
(1+AHW)·T -
(2·HEAPCLK+35)
ns
MEMC0WAITZ hold time from
MEMC0ASTBZ (f)
tSSTWT2 <15> w≥1-
-
(1+w+AHW)·T -
(2·HEAPCLK+35)
ns
MEMC0WAITZ setting delay
from Address
tHSTWT1 <16> w≥1
(w+AHW)·T-
(2*HEAPCLK+20)
--
ns
MEMC0WAITZ hold time from
Address
tHSTWT2 <17> w≥1
(1+w+AHW)·T-
2*HEAPCLK+20)
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com