Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 18Page - Renesas Technology Corp PD70F3559 Datasheet HTML 19Page - Renesas Technology Corp PD70F3559 Datasheet HTML 20Page - Renesas Technology Corp PD70F3559 Datasheet HTML 21Page - Renesas Technology Corp PD70F3559 Datasheet HTML 22Page - Renesas Technology Corp PD70F3559 Datasheet HTML 23Page - Renesas Technology Corp PD70F3559 Datasheet HTML 24Page - Renesas Technology Corp PD70F3559 Datasheet HTML 25Page - Renesas Technology Corp PD70F3559 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
22
R01DS0142ED0100
Data Sheet
Chapter 3
Power supply specification
3.4.4
POC characteristics
Table 3-6
POC characteristics
3.4.5
Voltage Comparator characteristics
Table 3-7
VCMP characteristics
Note
VDD: REG0VDD
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Detection voltage
VPOC
2.8
2.9
3.0
V
Voltage slope 1
PVS1
0.18
-
1800
V/ms
Voltage slope 2
PVS2
0.0018
-
1800
V/ms
Response time 1
tPTHD
From detect voltage to release of reset
signal.
Voltage slope = PVS1, PVS2
--
2
ms
Response time 2
tPD
From detect voltage to occurence of
reset signal
Voltage slope = PVS2
--
2
ms
VDD minimum width
tPW
0.2
-
-
ms
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Input voltage range of VCPCnIN
VICMP
REG0VSS
-
REG0VDD
V
VDD
tPW
D etect voltage(MAX.)
D etect voltage(TYP.)
D etect voltage(MIN.)
tPTHD
tPTHD
tPD
Pvs1
Pvs2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com