Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 14Page - Renesas Technology Corp PD70F3559 Datasheet HTML 15Page - Renesas Technology Corp PD70F3559 Datasheet HTML 16Page - Renesas Technology Corp PD70F3559 Datasheet HTML 17Page - Renesas Technology Corp PD70F3559 Datasheet HTML 18Page - Renesas Technology Corp PD70F3559 Datasheet HTML 19Page - Renesas Technology Corp PD70F3559 Datasheet HTML 20Page - Renesas Technology Corp PD70F3559 Datasheet HTML 21Page - Renesas Technology Corp PD70F3559 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
18
R01DS0142ED0100
Data Sheet
Chapter 3
Power supply specification
3.4 Supply voltages
Table 3-3
VDD Data
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
System supply voltage
FVDD
VPOC
-
5.5
V
System supply voltage
OSCVDD
VPOC
-
5.5
V
System supply voltage
REG0VDD
REG0VDD = REG1VDD = REG2VDD =
REG3VDD
VPOC
-
5.5
V
System supply voltage
REG1VDD
VPOC
-
5.5
V
System supply voltage
REG2VDD
VPOC
-
5.5
V
System supply voltage
REG3VDD
VPOC
-
5.5
V
System supply voltage
CVDD
M2 products only
1.1
-
1.3
V
System supply voltage
slopes
AIVS
M2 products;
REG1VDD = 3.0V to 5.5V
--
5.6
V/ms
Port supply voltages
E0VDD
VPOC
-
5.5
V
Port supply voltages
E1VDD
VPOC
-
5.5
V
Port supply voltages
B0VDD
B0VDD ≤ power supply group #1 voltages
VPOC
-
5.5
V
ADC supply voltages
A0VDD
12bit resolution
4.5
-
5.5
V
ADC supply voltages
A0VDD
10bit resolution
VPOC
-
5.5
V
ADC supply voltages
A0VREFP
A0VDD
-
A0VDD
V
ADC supply voltages
A1VDD
12bit resolution
4.5
-
5.5
V
ADC supply voltages
10bit resolution
VPOC
-
5.5
V
ADC supply voltages
A1VREFP
A1VREFP-A1VREFM > A1VDD/2
A1VDD
-
A1VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com