Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 27Page - Renesas Technology Corp PD70F3559 Datasheet HTML 28Page - Renesas Technology Corp PD70F3559 Datasheet HTML 29Page - Renesas Technology Corp PD70F3559 Datasheet HTML 30Page - Renesas Technology Corp PD70F3559 Datasheet HTML 31Page - Renesas Technology Corp PD70F3559 Datasheet HTML 32Page - Renesas Technology Corp PD70F3559 Datasheet HTML 33Page - Renesas Technology Corp PD70F3559 Datasheet HTML 34Page - Renesas Technology Corp PD70F3559 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
31
R01DS0142ED0100
Data Sheet
Chapter 5
Supply current specification
Chapter 5 Supply current specification
5.1 Supply current for µPDF70F4011 / µPDF70F4012
Notes
1.
The above currents do not include port buffer currents or ADC currents.
2.
The currents in run mode include currents for self-programming and
EEPROM emulation.
3.
The current of FlexRay is not included in case of CPU frequency = 8MHz.
4.
The ‘typical’ specification is for reference only and not a guaranteed value.
The ‘typical’ specification is applicable under the following conditions:
•
Ta = 25°C
•
REGnVDD=FVDD=OSCVDD=EmVDD=B0VDD=AmVDD=AmVREFP=5.0V
(n=0-3, m=0-1).
•
M2 products: CVDD = 1.2V
•
REGnVSS=OSCVSS=EmVSS=B0VSS=AmVSS=AmVREFM=0V
(n=0-3, m=0-1)
Item
Powera
Conditionb
Specification
Unit
ISO0
ISO1
8MHz
intOSC
Main
OSC
Sub
OSC
PLL
CPU
Freq
Peripherals
Min.
Typ.
(A)
(A1)
RUN
mode
ON
ON
ON
ON
ON
ON
80
WORKING
-
144
184
186
mA
ON
ON
ON
ON
ON
ON
80
STOPPED
-
76
-
-
mA
ON
ON
ON
OFF
ON
OFF
8
WORKING
-
28
47
48
mA
ON
ON
ON
OFF
ON
OFF
8
STOPPED
-
19
-
-
mA
ON
OFF
ON
ON
ON
ON
80
WORKING
-
104
138
139
mA
ON
OFF
ON
ONONON
80
STOPPED
-
74
-
-
mA
ON
OFF
ON
OFF
ON
OFF
8
WORKING
-
22
40
41
mA
ON
OFF
ON
OFF
ON
OFF
8
STOPPED
-
19
-
-
mA
HALT
mode
ON
ON
ON
ON
ON
ON
80
WORKING
-
137
178
180
mA
ON
ON
ON
ON
ON
ON
80
STOPPED
-
74
-
-
mA
ON
ON
ON
OFF
ON
OFF
8
WORKING
-
27
47
47
mA
ON
ON
ON
OFF
ON
OFF
8
STOPPED
-
19
-
-
mA
STOP
mode
ON
ON
OFF
OFF
OFF
OFF
-
STOPPED
-
0.7
19
20
mA
ON
OFF
OFF
OFF
OFF
OFF
-
STOPPED
-
0.6
19
19
mA
DEEPSTOP
mode
OFF
OFF
OFF
OFF
OFF
OFF
-
STOPPED
-
0.06
0.86
0.88
mA
OFF
OFF
ON
OFF
OFF
OFF
-
STOPPED
-
0.60
2.1
2.3
mA
OFF
OFF
ON
OFF
ON
OFF
-
STOPPED
-
0.60
2.1
2.3
mA
a)
The AWO is always ON.
b)
The 240kHz IntOSC is always ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com