Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 58Page - Renesas Technology Corp PD70F3559 Datasheet HTML 59Page - Renesas Technology Corp PD70F3559 Datasheet HTML 60Page - Renesas Technology Corp PD70F3559 Datasheet HTML 61Page - Renesas Technology Corp PD70F3559 Datasheet HTML 62Page - Renesas Technology Corp PD70F3559 Datasheet HTML 63Page - Renesas Technology Corp PD70F3559 Datasheet HTML 64Page - Renesas Technology Corp PD70F3559 Datasheet HTML 65Page - Renesas Technology Corp PD70F3559 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
62
R01DS0142ED0100
Data Sheet
Chapter 7
Peripherals specification
Table 7-8
Fast mode
Notes
1.
P: Stop condition
Notes
1.
S: Start condition
Notes
1.
Sr: Restart condition
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
SCL clock period
fCLK
0
-
400
kHz
Bus free time (between stop condition
and start condition)
tBUF
1.3
-
-
µs
Start/Restart Hold time (New clock
pulse
is generated after this hold time as a
master.)
tHD:STA
0.6
-
-
µs
SCL clock low state hold time
tLOW
1.3
-
-
µs
SCL clock high state hold time
tHIGH
0.6
-
-
µs
Setup time for start/restart condition
tSU:STA
0.6
-
-
µs
Data hold time
tHD:DAT
IIC bus
0
-
0.9
µs
Data setup time
tSU:DAT
100
-
-
ns
Rising transition time of SDA or SCL
tR
20+0.1Cb
-
300
ns
Falling transition time of SDA or SCL
tF
20+0.1Cb
-
300
ns
Setup time of stop condition
tSU:STO
0.6
-
-
µs
Noise elimination width
tSP
0
-
50
ns
Bus capacitance
Cb
-
-
400
pF
SCL0
P
t
SU: STA
t
HD: STA
t
LOW
t
HI GH
t
BUF
SDA0
t
SP
t
R
t
HD: DAT
t
F
t
SU: DAT
S
t
HD: STA
Sr
P
t
SU: STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com