Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 54Page - Renesas Technology Corp PD70F3559 Datasheet HTML 55Page - Renesas Technology Corp PD70F3559 Datasheet HTML 56Page - Renesas Technology Corp PD70F3559 Datasheet HTML 57Page - Renesas Technology Corp PD70F3559 Datasheet HTML 58Page - Renesas Technology Corp PD70F3559 Datasheet HTML 59Page - Renesas Technology Corp PD70F3559 Datasheet HTML 60Page - Renesas Technology Corp PD70F3559 Datasheet HTML 61Page - Renesas Technology Corp PD70F3559 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 85 page
background image
58
R01DS0142ED0100
Data Sheet
Chapter 7
Peripherals specification
FCnRX pin
( Receive data )
FCnTX pin
( Transfer data )
FCnTX pin
FCnRX pin
Image of Internal delay time
Output delay time
(tOUTPUT)
Input gate delay time
(tGATE)
toutput
V850E2/Fx4
tGATE
CAN node delay time (tNODE) = INPUT delay time (tinput) + Output delay time (toutput)
Internal delay time (tINTDEL) = Internal gate delay time (tGATE) + Output delay time (toutput)
tCYCLE
tINPUT = tGATE + tCYCLE
CAN
macro
Input delay time
(tINPUT)
CAN macro clock
7.10 FCN timing
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Transfer rate
-
-
1
Mbps
Internal delay time
tINTDEL
-
-
37.5
ns
CAN Node delay time
tNODE
tCYCLE = 62.5ns
-
-
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com