Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 6Page - Renesas Technology Corp PD70F3559 Datasheet HTML 7Page - Renesas Technology Corp PD70F3559 Datasheet HTML 8Page - Renesas Technology Corp PD70F3559 Datasheet HTML 9Page - Renesas Technology Corp PD70F3559 Datasheet HTML 10Page - Renesas Technology Corp PD70F3559 Datasheet HTML 11Page - Renesas Technology Corp PD70F3559 Datasheet HTML 12Page - Renesas Technology Corp PD70F3559 Datasheet HTML 13Page - Renesas Technology Corp PD70F3559 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
10
R01DS0142ED0100
Data Sheet
Chapter 1
Overview
Chapter 1 Overview
1.1 Naming
1.1.1
Alternative function pins
Example:
– TAUB0I0, TAUB1I5
– URTE0TX, URTE0RX, URTE1TX, URTE1RX
– CSIG0SO, CSIG0SI, CSIG0SC, CSIG0RY
1.1.2
Power supply pins
Example:
– E0VDDn, REG0VSS
If not mentioned otherwise this document neglects suffixes for power supply
pins with same functions that can be treated as equal.
Peripheral
Prefix
Function
name
Suffix
Short-cut of
macro name
Consecutive number for
same peripheral modulea
a)
This is an option that can be omitted if meaning is obvious
Peripheral
Macro pin
naming
Consecutive number
for same pin namesa
Function
Prefix
Kind of
supply
Suffix
Symbol
Consecutive number for
different functionsa
a)
This is an option that can be omitted if meaning is obvious
VDD or VSS
Consecutive number
for different pins with
same meaninga
Table 1-1
Selection for Functions
Function
Explanation
C
Core supply
REG
Internal regulator supply
OSC
Oscillator supply
F
Flash module supply
E
Standard buffer supply (mainly 5V or up to 40Mhz)
B
Standard buffer supply (mainly 3.3V or beyond 40Mhz)
A
Analog module supply (e.g. ADC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com