Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 41Page - Renesas Technology Corp PD70F3559 Datasheet HTML 42Page - Renesas Technology Corp PD70F3559 Datasheet HTML 43Page - Renesas Technology Corp PD70F3559 Datasheet HTML 44Page - Renesas Technology Corp PD70F3559 Datasheet HTML 45Page - Renesas Technology Corp PD70F3559 Datasheet HTML 46Page - Renesas Technology Corp PD70F3559 Datasheet HTML 47Page - Renesas Technology Corp PD70F3559 Datasheet HTML 48Page - Renesas Technology Corp PD70F3559 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
45
R01DS0142ED0100
Data Sheet
Chapter 7
Peripherals specification
7.7.2
MEMC0CLK synchronous timing
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Bus operational period
T
25
-
-
ns
Delay time from MEMC0CLK (r) to
address
tDKA
<18>
0
-
12
ns
Delay time from MEMC0CLK (r) to
address float
tFKA
<19>
0
-
12
ns
Delay time from MEMC0CLK (r) to
ASTB (f)
tDKST
<20>
0
-
11
ns
Delay time from MEMC0CLK (r) to
MEMC0RDZ and MEMC0WRZ
tDKRDWR
<21>
-2.5
-
6
ns
Data input setup time
(from MEMC0CLK (r))
tSIDK
<22>
10
-
-
ns
Data input hold time
(from MEMC0CLK (r))
tHKID
<23>
2.5
-
-
ns
Data output delay time
(from MEMC0CLK (r))
tDKOD
<24>
-
-
11
ns
MEMC0WAITZ setup time
(to MEMC0CLK (r))
tSWTK
<25> B0VDD≥3.5V
23
-
-
ns
<25> B0VDD<3.5V
27
-
-
ns
MEMC0WAITZ hold time
(from MEMC0CLK (r))
tHKWT
<26>
2.5
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com