Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 56Page - Renesas Technology Corp PD70F3559 Datasheet HTML 57Page - Renesas Technology Corp PD70F3559 Datasheet HTML 58Page - Renesas Technology Corp PD70F3559 Datasheet HTML 59Page - Renesas Technology Corp PD70F3559 Datasheet HTML 60Page - Renesas Technology Corp PD70F3559 Datasheet HTML 61Page - Renesas Technology Corp PD70F3559 Datasheet HTML 62Page - Renesas Technology Corp PD70F3559 Datasheet HTML 63Page - Renesas Technology Corp PD70F3559 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
60
R01DS0142ED0100
Data Sheet
Chapter 7
Peripherals specification
Port
Name
Condition
Ratings
Unit
Min
Typ
Max
FLX0TXENA
FLX0TXENB
dTxENRISE-FALL
Cload=25pF, measured at 20-80% E1VDD
--
9
ns
dCCTxEN01
-
-
25
ns
dCCTxEN10
-
-
25
ns
FLX0TXDA
FLX0TXDB
dCCTxAsym
measured at 50% E1VDD
-
-
2.45
ns
dCCTxDRISE25 +
dCCTxDFALL25
Cload=25pF, measured at 20-80% E1VDD
--
9
ns
Cload=10pF, measured at 20-80% E1VDD
at the end of a 50ohm, 1ns microstripline
--
9
ns
dCCTxD01
-
-
-
25
ns
dCCTxD10
-
-
-
25
ns
FLX0RXDA
FLX0RXDB
dCCRxAsmAccept
measured at 50% of E1VDD
Input signal: Cload=25pF, 6.5ns (20-80%
E1VDD)
--
5.5
ns
C_CCRxD
-
--
10
pf
uLogic_1
-
35
-
70
%
uLogic_0
-
30
-
65
%
dCCRxD01
-
-
-
10
ns
dCCRxD10
-
-
-
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com