Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 26Page - Renesas Technology Corp PD70F3559 Datasheet HTML 27Page - Renesas Technology Corp PD70F3559 Datasheet HTML 28Page - Renesas Technology Corp PD70F3559 Datasheet HTML 29Page - Renesas Technology Corp PD70F3559 Datasheet HTML 30Page - Renesas Technology Corp PD70F3559 Datasheet HTML 31Page - Renesas Technology Corp PD70F3559 Datasheet HTML 32Page - Renesas Technology Corp PD70F3559 Datasheet HTML 33Page - Renesas Technology Corp PD70F3559 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
30
R01DS0142ED0100
Data Sheet
Chapter 4
Clock generators
4.4 PLL Characteristics
Table 4-7
PLL characteristics
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Input frequency
fxn
PLL mode and SSCG mode
4
-
20
MHz
Output frequency
fxxn
PLL mode
25
-
80
MHz
SSCG mode
22.40
-
88.32
MHz
Lock time
TLCKPn
PLL mode
-
-
650
µs
TLCKSn
SSCG mode
-
-
1300
µs
Period jittera
a)
Not tested in production. Specified by design.
tPJn
Peak to peak,
fixed frequency mode,
Pr=2
-150
-
150
ps
Long term jittera
tLTJn
PLL mode, Peak to peak,
term=1µs
fVCOOUT=160MHz (Pr=2)
-1.275
-
1.275
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com