Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 25Page - Renesas Technology Corp PD70F3559 Datasheet HTML 26Page - Renesas Technology Corp PD70F3559 Datasheet HTML 27Page - Renesas Technology Corp PD70F3559 Datasheet HTML 28Page - Renesas Technology Corp PD70F3559 Datasheet HTML 29Page - Renesas Technology Corp PD70F3559 Datasheet HTML 30Page - Renesas Technology Corp PD70F3559 Datasheet HTML 31Page - Renesas Technology Corp PD70F3559 Datasheet HTML 32Page - Renesas Technology Corp PD70F3559 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
29
R01DS0142ED0100
Data Sheet
Chapter 4
Clock generators
.
Figure 4-2
Recommended Sub Oscillator Circuit
Caution
Values of C1s, C2s and Rds depend on the used crystal and must be specified
in cooperation with crystal manufacturer.
(1)
Sub-oscillator characteristics
Table 4-5
Sub-oscillator characteristics
4.3.3
Internal oscillator
Table 4-6
Internal oscillator characteristics
XT1
XT2
C
1s
C
2s
Rds
internal
external
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
MainOSC frequency
fSOSC
-
32.768
-
kHz
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Lowspeed OSC frequency
fRL
•
Other than DeepStop mode
•
DeepStop mode with
PSC0.REGSTP = 0
220.8
240
259.2
kHz
fRLLP
•
DeepStop mode with
PSC0.REGSTP = 1
216
240
264
kHz
Highspeed OSC frequency
fRH
•
Other than DeepStop mode
•
DeepStop mode with
PSC0.REGSTP = 0
7.2
8.0
8.8
MHz
fRHLP
•
DeepStop mode with
PSC0.REGSTP = 1
6.64
8.0
8.8
MHz
Highspeed OSC
stabilization time
TRHSTB
-
-
19
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com