Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 64Page - Renesas Technology Corp PD70F3559 Datasheet HTML 65Page - Renesas Technology Corp PD70F3559 Datasheet HTML 66Page - Renesas Technology Corp PD70F3559 Datasheet HTML 67Page - Renesas Technology Corp PD70F3559 Datasheet HTML 68Page - Renesas Technology Corp PD70F3559 Datasheet HTML 69Page - Renesas Technology Corp PD70F3559 Datasheet HTML 70Page - Renesas Technology Corp PD70F3559 Datasheet HTML 71Page - Renesas Technology Corp PD70F3559 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
68
R01DS0142ED0100
Data Sheet
Chapter 7
Peripherals specification
7.17.3
12bit A/D (When channel S/H function is used)
Table 7-14
12bit A/D (When channel Sample & Hold function is used [ADCA0I0 to
ADCA0I5])
Notes
1.
n: Number of macro instances. Refer to the User Manual for the detailed
specification.
2.
m: Number of channels. Refer to the User Manual for the detailed
specification.
3.
AIDDn + 1.72mA x (number of channels used with S/H)
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Resolution
RES0S
12
12
12
bit
Total conversion time
TCON0SN
1.8
-
12
µs
Sample & Hold time
50
-
-
µs
Overall errora
a)
The specification does not include the quantization error.
TOE0S
-
-
±8.0
LSB
Non-liniarity errora
ILE0S
-
-
±4.0
LSB
Differencial liniarity errora
DLE0S
-
-
±2.5
LSB
Zero scale errora
ZSE0S
-
-
±6.0
LSB
Full scale errora
FSE0S
-
-
±6.0
LSB
Analog input voltage
VAIN0S
0.2
-
A0VREFP-0.2
V
Power on stabilization
timeb
b)
‘Power on’ refers to
- setting ADCAnGPS = 1
--
1
µs
A0VDD current
AIDD0S
withDiagnosis function
-
Note3
22.1
mA
w/o Diagnosis function
-
Note3
24.0
mA
AIDD0SPD Power down
-
1
-
µA
A0VREFP current
AIREF0S
-
650
-
µA
Conversion result by
Diagnosis functionc
c)
The values given do not include influence of injected current
TESHLS3 2/3 A0VDD was converted
2689
2731
2773
LSB
TESHLS2 1/2 A0VDD was converted
2016
2048
2080
LSB
TESHLS1 1/3 A0VDD was converted
1323
1365
1407
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com