Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 7Page - Renesas Technology Corp PD70F3559 Datasheet HTML 8Page - Renesas Technology Corp PD70F3559 Datasheet HTML 9Page - Renesas Technology Corp PD70F3559 Datasheet HTML 10Page - Renesas Technology Corp PD70F3559 Datasheet HTML 11Page - Renesas Technology Corp PD70F3559 Datasheet HTML 12Page - Renesas Technology Corp PD70F3559 Datasheet HTML 13Page - Renesas Technology Corp PD70F3559 Datasheet HTML 14Page - Renesas Technology Corp PD70F3559 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
11
R01DS0142ED0100
Data Sheet
Chapter 1
Overview
1.2 Pin Groups
1.3 General measurement conditions
1.3.1
AC characteristic measurement condition
AC test input waveform
AC test output waveform
Standard AC test condition is 70%/30% of the applied IO supply voltage
(XmVDD) if not otherwise stated in the according AC timing specification of an
interface.
AC Test Condition: Ext. Capacitive Load
Symbol
Pin group supplied by
Related pins / ports
PgE0
E0VDD
JP0, P0, _RESET, FLMD0, WAKE, VCPC0IN,
VCPC1IN
PgE1
E1VDD / E1VSS
P1, P2, P3, P4
PgB0
B0VDD / B0VSS
P21, P24, P25, P27
PgOSC
OSCVDD / OSCVSS
X1, X2, XT1, XT2
PgA0
A0VDD / A0VSS
P10, P11, ADCA0Im
xVSS
xVDD
xVSS
xVDD
DUT
Load on test:
CL= 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com