Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3559 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # PD70F3559
Description  32-bit Single-Chip Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3559 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button PD70F3559 Datasheet HTML 10Page - Renesas Technology Corp PD70F3559 Datasheet HTML 11Page - Renesas Technology Corp PD70F3559 Datasheet HTML 12Page - Renesas Technology Corp PD70F3559 Datasheet HTML 13Page - Renesas Technology Corp PD70F3559 Datasheet HTML 14Page - Renesas Technology Corp PD70F3559 Datasheet HTML 15Page - Renesas Technology Corp PD70F3559 Datasheet HTML 16Page - Renesas Technology Corp PD70F3559 Datasheet HTML 17Page - Renesas Technology Corp PD70F3559 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
14
R01DS0142ED0100
Data Sheet
Chapter 2
Absolute maximum ratings
2.3 Port current
2.4 Capacitance
Table 2-4
High level port output current
Parameter
Pin Groupa
a)
The column reflects all supplies within the device series. Therefore not each pin group is available for each
product.
Symbol
Condition
Max. spec
Unit
High level output
current
PgE0
IOH
1 pin of PgE0
-10
mA
Power supply of PgE0
-50
PgE1
1 pin of PgE1
-10
Power supply of PgE1
-150
PgA0
1 pin of PgA0
-10
Power supply of PgA0
-25
High level output
current
PgA1
IOH
1 pin of PgA1
-10
mA
Power supply of PgA1
-25
High level output
current
PgB0
IOH
1 pin of PgB0
-10
mA
Power supply of PgB0
-200
Table 2-5
Low level port output current
Parameter
Pin Groupa
Symbol
Condition
Max. spec
Unit
Low level output
current
PgE0
IOL
1 pin of PgE0
10
mA
Power supply of PgE0
50
PgE1
1 pin of PgE1
10
Power supply of PgE1
150
PgA0
1 pin of PgA0
10
Power supply of PgA0
25
Low level output
current
PgA1
IOL
1 pin of PgA1
10
mA
Power supply of PgA1
25
Low level output
current
PgB0
IOL
1 pin of PgB0
10
mA
Power supply of PgB0
150
a)
The column reflects all supplies within the device series. Therefore not each pin group is available for each
product.
Parameter
Symbol
Condition
Max. spec
Unit
Input capacitance
CI
f = 1 MHz
0V for non measurement pins
15
pF
Input/Output capacitance
CIO
15
pF
Output capacitance
CO
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com