Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 6Page - SMSC Corporation EMC1413 Datasheet HTML 7Page - SMSC Corporation EMC1413 Datasheet HTML 8Page - SMSC Corporation EMC1413 Datasheet HTML 9Page - SMSC Corporation EMC1413 Datasheet HTML 10Page - SMSC Corporation EMC1413 Datasheet HTML 11Page - SMSC Corporation EMC1413 Datasheet HTML 12Page - SMSC Corporation EMC1413 Datasheet HTML 13Page - SMSC Corporation EMC1413 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
10
SMSC EMC1413 / EMC1414
DATASHEET
Chapter 4 Electrical Specifications
4.1
Absolute Maximum Ratings
Note: Stresses at or above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied.
Note 4.1
For the 5V tolerant pins that have a pull-up resistor (SMCLK, SMDATA, THERM, and
ALERT), the pull-up voltage must not exceed 3.6V when the device is unpowered.
Table 4.1 Absolute Maximum Ratings
DESCRIPTION
RATING
UNIT
Supply Voltage (VDD)
-0.3 to 4.0
V
Voltage on 5V tolerant pins (V5VT_pin)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_pin - VDD|) (see Note 4.1)0 to 3.6
V
Voltage on any other pin to Ground
-0.3 to VDD +0.3
V
Operating Temperature Range
-40 to +125
°C
Storage Temperature Range
-55 to +150
°C
Lead Temperature Range
Refer to JEDEC Spec. J-STD-020
Package Thermal Characteristics for MSOP-10
Thermal Resistance (
θ
j-a)
132.2
°C/W
Package Thermal Characteristics for DFN-10
Thermal Resistance (
θ
j-a)77.1
°C/W
ESD Rating, All pins HBM
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com