Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 28 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 24Page - SMSC Corporation EMC1413 Datasheet HTML 25Page - SMSC Corporation EMC1413 Datasheet HTML 26Page - SMSC Corporation EMC1413 Datasheet HTML 27Page - SMSC Corporation EMC1413 Datasheet HTML 28Page - SMSC Corporation EMC1413 Datasheet HTML 29Page - SMSC Corporation EMC1413 Datasheet HTML 30Page - SMSC Corporation EMC1413 Datasheet HTML 31Page - SMSC Corporation EMC1413 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
28
SMSC EMC1413 / EMC1414
DATASHEET
20h
R/W
Internal Diode Therm
Limit
Stores the 8-bit critical temperature
limit for the Internal Diode
55h
(85°C)
Page 34
21h
R/W
Therm Hysteresis
Stores the 8-bit hysteresis value
that applies to all Therm limits
0Ah
(10°C)
22h
R/W
Consecutive ALERT
Controls the number of out-of-limit
conditions that must occur before
an interrupt is asserted
70h
Page 36
23h
R
External Diode 2
Data High Byte
Stores the integer data for External
Diode 2
00h
Page 29
24h
R
External Diode 2
Data Low Byte
Stores the fractional data for
External Diode 2
00h
25h
R/W
External Diode Beta
Configuration
Stores the Beta Compensation
circuitry settings for External Diode
1
08h
Page 37
26h
R/W
External Diode 2
Beta Configuration
Stores the Beta Compensation
circuitry settings for External Diode
2
08h for
EMC1413
and 07h for
EMC1414
Page 37
27h
R/W
External Diode 1
Ideality Factor
Stores the ideality factor for
External Diode 1
12h
(1.008)
Page 38
28h
R/W
External Diode 2
Ideality Factor
Stores the ideality factor for
External Diode 2
12h
(1.008)
Page 38
29h
R
Internal Diode Data
Low Byte
Stores the fractional data for the
Internal Diode
00h
Page 29
2Ah
R
External Diode 3
High Byte
Stores the integer data for External
Diode 3
00h
Page 29
2Bh
R
External Diode 3 Low
Byte
Stores the fractional data for
External Diode 3
00h
2Ch
R/W
External Diode 3
High Limit High Byte
Stores the integer portion of the
high limit for External Diode 3
55h
(85°C)
Page 32
2Dh
R/W
External Diode 3 Low
Limit High Byte
Stores the integer portion of the
low limit for External Diode 3
00h
(0°C)
2Eh
R/W
External Diode 3
High Limit Low Byte
Stores the fractional portion of the
high limit for External Diode 3
00h
2Fh
R/W
External Diode 3 Low
Limit Low Byte
Stores the fractional portion of the
low limit for External Diode 3
00h
30h
R/W
External Diode 3
Therm Limit
Stores the 8-bit critical temperature
limit for External Diode 3
55h
(85°C)
Page 34
31h
R/W
External Diode 3
Ideality Factor
Stores the ideality factor for
External Diode 3
12h
(1.008)
Page 38
35h
R-C
High Limit Status
Status bits for the High Limits
00h
Page 40
36h
R-C
Low Limit Status
Status bits for the Low Limits
00h
Page 41
Table 7.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com