Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 31 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 27Page - SMSC Corporation EMC1413 Datasheet HTML 28Page - SMSC Corporation EMC1413 Datasheet HTML 29Page - SMSC Corporation EMC1413 Datasheet HTML 30Page - SMSC Corporation EMC1413 Datasheet HTML 31Page - SMSC Corporation EMC1413 Datasheet HTML 32Page - SMSC Corporation EMC1413 Datasheet HTML 33Page - SMSC Corporation EMC1413 Datasheet HTML 34Page - SMSC Corporation EMC1413 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
31
Revision 1.41 (02-23-12)
DATASHEET
Bit 4 - RECD1 - Disables the Resistance Error Correction (REC) for External Diode 1.
‘0’ (default) - REC is enabled for External Diode 1.
‘1’ - REC is disabled for External Diode 1.
Bit 3 - RECD2 - Disables the Resistance Error Correction (REC) for External Diode 2 and External
Diode 3.
‘0’ (default) - REC is enabled for External Diode 2 and External Diode 3.
‘1’ - REC is disabled for External Diode 2 and External Diode 3.
Bit 2 - RANGE - Configures the measurement range and data format of the temperature channels.
‘0’ (default) - The temperature measurement range is 0°C to +127.875°C and the data format is
binary.
‘1’ -The temperature measurement range is -64°C to +191.875°C and the data format is offset
binary (see Table 6.2).
Bit 1 - DAVG_DIS - Disables the dynamic averaging feature on all temperature channels.
‘0’ (default) - The dynamic averaging feature is enabled. All temperature channels will be converted
with an averaging factor that is based on the conversion rate as shown in Table 6.1.
‘1’ - The dynamic averaging feature is disabled. All temperature channels will be converted with a
maximum averaging factor of 1x (equivalent to 11-bit conversion). For higher conversion rates, this
averaging factor will be reduced as shown in Table 6.1.
Bit 0 - APDD (EMC1414 only) - Disables the anti-parallel diode operation. Beta Compensation is
disabled on External Diode 2 and 3 regardless of APDD setting. In addition, External Diode 2 Beta
Configuration register will be ignored.
‘0’ (default) - Anti-parallel diode mode is enabled. Two external diodes will be measured on the
DP2 and DN2 pins.
‘1’ - Anti-parallel diode mode is disabled. Only one external diode will be measured on the DP2
and DN2 pins.
7.5
Conversion Rate Register
The Conversion Rate Register controls how often the temperature measurement channels are updated
and compared against the limits. This register is fully accessible at either address.
Bits 3-0 - CONV[3:0] - Determines the conversion rate as shown in Table 7.6.
Table 7.5 Conversion Rate Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
04h
R/W
Conversion
Rate
-
-
-
-
CONV[3:0]
06h
(4/sec)
0Ah
Table 7.6 Conversion Rate
CONV[3:0]
CONVERSIONS / SECOND
HEX
3
2
1
0
0h
0
0
0
0
1 / 16
1h
0
0
0
1
1 / 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com