Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 20 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 16Page - SMSC Corporation EMC1413 Datasheet HTML 17Page - SMSC Corporation EMC1413 Datasheet HTML 18Page - SMSC Corporation EMC1413 Datasheet HTML 19Page - SMSC Corporation EMC1413 Datasheet HTML 20Page - SMSC Corporation EMC1413 Datasheet HTML 21Page - SMSC Corporation EMC1413 Datasheet HTML 22Page - SMSC Corporation EMC1413 Datasheet HTML 23Page - SMSC Corporation EMC1413 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
20
SMSC EMC1413 / EMC1414
DATASHEET
6.2
THERM Output
The THERM output is asserted independently of the ALERT output and cannot be masked. Whenever
any of the measured temperatures exceed the user programmed Therm Limit values for the
programmed number of consecutive measurements, the THERM output is asserted. Once it has been
asserted, it will remain asserted until all measured temperatures drop below the Therm Limit minus
the Therm Hysteresis (also programmable).
When the THERM pin is asserted, the THERM status bits will likewise be set. Reading these bits will
not clear them until the THERM pin is deasserted. Once the THERM pin is deasserted, the THERM
status bits will be automatically cleared.
6.3
ALERT Output
The ALERT pin is an open drain output and requires a pull-up resistor to VDD and has two modes of
operation: interrupt mode and comparator mode. The mode of the ALERT output is selected via the
ALERT / COMP bit in the Configuration Register (see Section 7.4).
6.3.1
ALERT Pin Interrupt Mode
When configured to operate in interrupt mode, the ALERT pin asserts low when an out of limit
measurement (> high limit or < low limit) is detected on any diode or when a diode fault is detected.
The ALERT pin will remain asserted as long as an out-of-limit condition remains. Once the out-of-limit
condition has been removed, the ALERT pin will remain asserted until the appropriate status bits are
cleared.
The ALERT pin can be masked by setting the MASK_ALL bit. Once the ALERT pin has been masked,
it will be de-asserted and remain de-asserted until the MASK_ALL bit is cleared by the user. Any
interrupt conditions that occur while the ALERT pin is masked will update the Status Register normally.
There are also individual channel masks (see Section 7.11).
Table 6.1 Supply Current vs. Conversion Rate for EMC1413 / EMC1414
CONVERSION RATE
AVERAGE SUPPLY CURRENT
AVERAGING FACTOR (BASED ON
11-BIT OPERATION)
ENABLED
(DEFAULT)
DISABLED
ENABLED
(DEFAULT)
DISABLED
1 / 16 sec
660uA
430uA
16x
1x
1 / 8 sec
660uA
430uA
16x
1x
1 / 4 sec
660uA
430uA
16x
1x
1 / 2 sec
660uA
430uA
16x
1x
1 / sec
660uA
430uA
8x
1x
2 / sec
930uA
475uA
4x
1x
4 / sec (default)
950uA
510uA
2x
1x
8 / sec
1010uA
630uA
1x
1x
16 / sec
1020uA
775uA
0.5x
0.5x
32 / sec
1050uA
1050uA
0.25x
0.25x
64 / sec
1100uA
1100uA
0.125x
0.125x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com