Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 18 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 14Page - SMSC Corporation EMC1413 Datasheet HTML 15Page - SMSC Corporation EMC1413 Datasheet HTML 16Page - SMSC Corporation EMC1413 Datasheet HTML 17Page - SMSC Corporation EMC1413 Datasheet HTML 18Page - SMSC Corporation EMC1413 Datasheet HTML 19Page - SMSC Corporation EMC1413 Datasheet HTML 20Page - SMSC Corporation EMC1413 Datasheet HTML 21Page - SMSC Corporation EMC1413 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
18
SMSC EMC1413 / EMC1414
DATASHEET
Chapter 6 Product Description
The EMC1413 / EMC1414 is an SMBus temperature sensor. The EMC1413 and EMC1414 monitor
one internal diode and up to two (EMC1413) or three (EMC1414) externally connected temperature
diodes.
Thermal management is performed in cooperation with a host device. This consists of the host reading
the temperature data of both the external and internal temperature diodes of the EMC1413 / EMC1414
and using that data to control the speed of one or more fans.
The EMC1413 and EMC1414 have two levels of monitoring. The first provides a maskable ALERT
signal to the host when the measured temperatures exceeds user programmable limits. This allows
the EMC1413 and EMC1414 to be used as an independent thermal watchdog to warn the host of
temperature hot spots without direct control by the host. The second level of monitoring provides a non
maskable interrupt on the THERM pin if the measured temperatures meet or exceed a second
programmable limit.
For the EMC1414, External Diode channels 2 and 3 are only compatible with general purpose diodes
(such as a 2N3904). For the EMC1413, the External Diode 2 channel is compatible with any diode
type.
Figure 6.1 shows a system level block diagram of the EMC1414 and Figure 6.2 shows a system level
block diagram of the EMC1413.
Figure 6.1 System Diagram for EMC1414
CPU / GPU
EMC1414
Host
DP1
DN1
SMDATA
Thermal
Junction
SMCLK
SMBus
Interface
THERM / ADDR
ALERT
Power Control
VDD
GND
VDD = 3.3V
3.3V – 5V
DN2 / DP3
DP2 / DN3
Optional
Anti-parallel
diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com