Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 25 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 21Page - SMSC Corporation EMC1413 Datasheet HTML 22Page - SMSC Corporation EMC1413 Datasheet HTML 23Page - SMSC Corporation EMC1413 Datasheet HTML 24Page - SMSC Corporation EMC1413 Datasheet HTML 25Page - SMSC Corporation EMC1413 Datasheet HTML 26Page - SMSC Corporation EMC1413 Datasheet HTML 27Page - SMSC Corporation EMC1413 Datasheet HTML 28Page - SMSC Corporation EMC1413 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
25
Revision 1.41 (02-23-12)
DATASHEET
6.9
Anti-parallel Diode Connections
The EMC1414 supports reading two external diodes on the same set of pins (DP2, DN2). These
diodes are connected as shown in Figure 6.1. Due to the anti-parallel connection of these diodes, both
diodes will be reverse biased by a VBE voltage (approximately 0.7V). Because of this reverse bias,
only discrete thermal diodes (such as a 2N3904) are recommended to be placed on these pins.
6.10
External Diode Connections
The EMC1413 / EMC1414 can be configured to measure a CPU substrate transistor, a discrete
2N3904 thermal diode, or an AMD processor diode on the External Diode 1 channel only. For the
EMC1414 the External Diode 2 and External Diode 3 channels are configured to measure a pair of
discrete anti-parallel diodes (shared on pins DP2 and DN2). The supported configurations for the
external diode channels are shown in Figure 6.5.
Figure 6.5 Diode Configurations
Local
Ground
to
DP1
Typical remote
substrate transistor
e.g. CPU substrate
PNP
Typical remote
discrete NPN transistor
e.g. 2N3904
to
DN1
to
DP1
to
DN1
to DP2 / DN3
to DN2 / DP3
Anti-parallel connected
discrete NPN transistors
e.g. 2N3904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com