Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 27 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 23Page - SMSC Corporation EMC1413 Datasheet HTML 24Page - SMSC Corporation EMC1413 Datasheet HTML 25Page - SMSC Corporation EMC1413 Datasheet HTML 26Page - SMSC Corporation EMC1413 Datasheet HTML 27Page - SMSC Corporation EMC1413 Datasheet HTML 28Page - SMSC Corporation EMC1413 Datasheet HTML 29Page - SMSC Corporation EMC1413 Datasheet HTML 30Page - SMSC Corporation EMC1413 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
27
Revision 1.41 (02-23-12)
DATASHEET
0Bh
R/W
Internal Diode High
Limit
Stores the 8-bit high limit for the
Internal Diode (mirrored at address
05h)
55h
(85°C)
Page 32
0Ch
R/W
Internal Diode Low
Limit
Stores the 8-bit low limit for the
Internal Diode (mirrored at address
06h)
00h
(0°C)
0Dh
R/W
External Diode 1
High Limit High Byte
Stores the integer portion of the
high limit for External Diode 1
(mirrored at register 07h)
55h
(85°C)
0Eh
R/W
External Diode 1 Low
Limit High Byte
Stores the integer portion of the
low limit for External Diode 1
(mirrored at register 08h)
00h
(0°C)
0Fh
W
One shot
A write to this register initiates a
one shot update.
00h
Page 34
10h
R
External Diode 1
Data Low Byte
Stores the fractional data for
External Diode 1
00h
Page 29
11h
R/W
Scratchpad
Scratchpad register for software
compatibility
00h
Page 34
12h
R/W
Scratchpad
Scratchpad register for software
compatibility
00h
Page 34
13h
R/W
External Diode 1
High Limit Low Byte
Stores the fractional portion of the
high limit for External Diode 1
00h
Page 32
14h
R/W
External Diode 1 Low
Limit Low Byte
Stores the fractional portion of the
low limit for External Diode 1
00h
15h
R/W
External Diode 2
High Limit High Byte
Stores the integer portion of the
high limit for External Diode 2
55h
(85°C)
Page 32
16h
R/W
External DIode 2 Low
Limit High Byte
Stores the integer portion of the
low limit for External Diode 2
00h
(0°C)
17h
R/W
External Diode 2
High Limit Low Byte
Stores the fractional portion of the
high limit External Diode 2
00h
Page 32
18h
R/W
External Diode 2 Low
Limit Low Byte
Stores the fractional portion of the
low limit for External Diode 2
00h
19h
R/W
External Diode 1
Therm Limit
Stores the 8-bit critical temperature
limit for External Diode 1
55h
(85°C)
Page 34
1Ah
R/W
External Diode 2
Therm Limit
Stores the 8-bit critical temperature
limit for External Diode 2
55h
(85°C)
Page 34
1Bh
R-C
External Diode Fault
Stores status bits indicating which
external diode detected a diode
fault
00h
Page 35
1Fh
R/W
Channel Mask
Register
Controls the masking of individual
channels
00h
Page 35
Table 7.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com