Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 46 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 42Page - SMSC Corporation EMC1413 Datasheet HTML 43Page - SMSC Corporation EMC1413 Datasheet HTML 44Page - SMSC Corporation EMC1413 Datasheet HTML 45Page - SMSC Corporation EMC1413 Datasheet HTML 46Page - SMSC Corporation EMC1413 Datasheet HTML 47Page - SMSC Corporation EMC1413 Datasheet HTML 48Page - SMSC Corporation EMC1413 Datasheet HTML 49Page - SMSC Corporation EMC1413 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
A
A2
A1
SEATING PLANE
SIDE VIEW
ccc C
GAUGE PLANE
H
3-D VIEW
TOP VIEW
C
3
2
END VIEW
4
3
5
DETAIL "A"
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETER.
2. TOLERANCE ON THE TRUE POSITION OF EACH LEAD IS ± 0.04 mm AT MAXIMUM MATERIAL
CONDITION.
3. PACKAGE BODY DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD/INTERLEAD PROTRUSIONS
OR FLASH. MAXIMUM MOLD PROTRUSIONS OR FLASH IS 0.15 mm (0.006 INCHES) PER END AND
SIDE. DIMENSIONS "D" AND "E1" ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE
PLASTIC BODY, INCLUDING ANY MISMATCH BETWEEN TOP AND BOTTOM PLASTIC BODY. THEY
ARE DETERMINED AT DATUM PLANE "H".
4. DIMENSIONS "b" AND "c" APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN 0.08 mm AND
0.15 mm FROM THE LEAD TIP.
5. DETAILS OF THE PIN 1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE
INDICATED.
A
INITIAL RELEASE
3/29/05
S.K.ILIEV
c
SEE DETAIL "A"
e
D
E1
E
PIN 1 IDENTIFIER
AREA (D/2 X E1/2)
10X b
L
(0.95)
0.25
0° - 8°
DIM AND TOL PER ASME Y14.5M - 1994
FINISH
MATERIAL
DECIMAL
X.X
X.XX
X.XXX
80 ARKAY DRIVE
HAUPPAUGE, NY 11788
USA
ANGULAR
PRINT WITH "SCALE TO FIT"
DO NOT SCALE DRAWING
CHECKED
APPROVED
NAME
DRAWN
DWG NUMBER
SCALE
TITLE
DATE
STD COMPLIANCE
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
AND TOLERANCES ARE:
THIRD ANGLE PROJECTION
REV
SHEET
REVISION
DESCRIPTION
REVISION HISTORY
RELEASED BY
DATE
PACKAGE OUTLINE
10 PIN TSSOP, 3x3 MM BODY, 0.50 MM PITCH
±1°
-
-
±0.1
±0.05
±0.025
S.K.ILIEV
S.K.ILIEV
S.K.ILIEV
3/29/05
3/29/05
1:1
3/29/05
MO-10-TSSOP-3x3
JEDEC: MO-187
1 OF 1
A
C
SEATING PLANE
4
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
46
SMSC EMC1413 / EMC1414
DATASHEET
Chapter 9 Package Information
Figure 9.1 10-Pin MSOP / TSSOP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com