Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 52 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 44Page - SMSC Corporation EMC1413 Datasheet HTML 45Page - SMSC Corporation EMC1413 Datasheet HTML 46Page - SMSC Corporation EMC1413 Datasheet HTML 47Page - SMSC Corporation EMC1413 Datasheet HTML 48Page - SMSC Corporation EMC1413 Datasheet HTML 49Page - SMSC Corporation EMC1413 Datasheet HTML 50Page - SMSC Corporation EMC1413 Datasheet HTML 51Page - SMSC Corporation EMC1413 Datasheet HTML 52Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
52
SMSC EMC1413 / EMC1414
DATASHEET
Rev. 1.35 (05-06-09)
Pin Table
Identified 5V tolerant pins. Added the following
application note below table: “For the 5V tolerant
pins that have a pull-up resistor (SMCLK,
SMDATA, THERM, ALERT), the voltage difference
between VDD and the pull-up voltage must never
exceed 3.6V.”
Table 4.1, "Absolute
Maximum Ratings"
Updated voltage limits for 5V tolerant pins with
pull-up resistors.
Added the following note below table: “For the 5V
tolerant pins that have a pull-up resistor (SMCLK,
SMDATA, THERM, ALERT), the pull-up voltage
must not exceed 3.6V when the device is
unpowered.”
Table 4.2, "Electrical
Specifications"
Added leakage current
Ordering Information and
Table 2.1, “Part Selection”
Added EMC1414-3 and EMC1413-3
Table 9.2, "10-Pin DFN
Package Drawing"
Updated figures for package
Rev. 1.34 (12-02-08)
Initial document creation
Table 10.1 Customer Revision History (continued)
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com